Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 114 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 110Page - STMicroelectronics PM0056 Datasheet HTML 111Page - STMicroelectronics PM0056 Datasheet HTML 112Page - STMicroelectronics PM0056 Datasheet HTML 113Page - STMicroelectronics PM0056 Datasheet HTML 114Page - STMicroelectronics PM0056 Datasheet HTML 115Page - STMicroelectronics PM0056 Datasheet HTML 116Page - STMicroelectronics PM0056 Datasheet HTML 117Page - STMicroelectronics PM0056 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 156 page
background image
Core peripherals
PM0056
114/156
DocID15491 Rev 5
4.2.8
MPU region base address register (MPU_RBAR)
Address offset: 0x0C
Reset value: 0x0000 0000
Required privilege: Privileged
The MPU_RBAR register defines the base address of the MPU region selected by the
MPU_RNR register, and can update the value of the MPU_RNR register.
Write to the MPU_RBAR register with the VALID bit set to 1 to change the current region
number and update the MPU_RNR register.
Bits 31:8
Reserved, forced by hardware to 0.
Bits 7:0
REGION[7:0]: MPU region
These bits indicate the MPU region referenced by the MPU_RBAR and MPU_RASR registers.
The MPU supports 8 memory regions, so the permitted values of this field are 0-7.
Normally, you write the required region number to this register before accessing the
MPU_RBAR or MPU_RASR. However you can change the region number by writing to the
MPU_RBAR register with the VALID bit set to 1, see MPU region base address register
(MPU_RBAR). This write updates the value of the REGION field.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
ADDR[31:N]...
15
14
13
12
11
10
9
8
76
54
3
21
0
....ADDR[31:N]
VALID
REGION[3:0]
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com