Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 118 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 114Page - STMicroelectronics PM0056 Datasheet HTML 115Page - STMicroelectronics PM0056 Datasheet HTML 116Page - STMicroelectronics PM0056 Datasheet HTML 117Page - STMicroelectronics PM0056 Datasheet HTML 118Page - STMicroelectronics PM0056 Datasheet HTML 119Page - STMicroelectronics PM0056 Datasheet HTML 120Page - STMicroelectronics PM0056 Datasheet HTML 121Page - STMicroelectronics PM0056 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 156 page
background image
Core peripherals
PM0056
118/156
DocID15491 Rev 5
4.3
Nested vectored interrupt controller (NVIC)
This section describes the Nested Vectored Interrupt Controller (NVIC) and the registers it
uses. The NVIC supports:
•
up to 81 interrupts (depends on the STM32 device type, refer to the datasheets)
•
A programmable priority level of 0-15 for each interrupt. A higher level corresponds to a
lower priority, so level 0 is the highest interrupt priority
•
Level and pulse detection of interrupt signals
•
Dynamic reprioritization of interrupts
•
Grouping of priority values into group priority and subpriority fields
•
Interrupt tail-chaining
•
An external Non-maskable interrupt (NMI)
0x10
MPU_RASR
Res.
AP[2:0]
TEX
[2:0]
S C B
SRD[7:0]
SIZE
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0
0x14
MPU_RBAR_
A1(1)
ADDR[31:N]...
REGION
[3:0]
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0
0x18
MPU_RASR_
A1(2)
Res.
AP[2:0]
TEX
[2:0]
S C B
SRD[7:0]
SIZE
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0
0x1C
MPU_RBAR_
A2(1)
ADDR[31:N]...
REGION
[3:0]
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0
0x20
MPU_RASR_
A2(2)
Res.
AP[2:0]
TEX
[2:0]
S C B
SRD[7:0]
SIZE
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0
0x1C
MPU_RBAR_
A3(1)
ADDR[31:N]...
REGION
[3:0]
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0
0x20
MPU_RASR_
A3(2)
Res.
AP[2:0]
TEX
[2:0]
S C B
SRD[7:0]
SIZE
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0
1. Alias of MPU_RBAR register
2. Alias of MPU_RASR register
Table 40. MPU register map and reset values (continued)
Offset
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com