Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 115 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 111Page - STMicroelectronics PM0056 Datasheet HTML 112Page - STMicroelectronics PM0056 Datasheet HTML 113Page - STMicroelectronics PM0056 Datasheet HTML 114Page - STMicroelectronics PM0056 Datasheet HTML 115Page - STMicroelectronics PM0056 Datasheet HTML 116Page - STMicroelectronics PM0056 Datasheet HTML 117Page - STMicroelectronics PM0056 Datasheet HTML 118Page - STMicroelectronics PM0056 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 156 page
background image
DocID15491 Rev 5
115/156
PM0056
Core peripherals
Bits 31:N
ADDR[31:N]: Region base address field
The value of N depends on the region size.
The region size, as specified by the SIZE field in the RASR, defines the value of N:
N = Log2(Region size in bytes),
If the region size is configured to 4 GB, in the MPU_RASR register, there is no valid ADDR
field. In this case, the region occupies the complete memory map, and the base address is
0x00000000.
The base address is aligned to the size of the region. For example, a 64 KB region must be
aligned on a multiple of 64 KB, for example, at 0x00010000 or 0x00020000.
Bits N-1:5
Reserved, forced by hardware to 0.
Bit 4
VALID: MPU region number valid
Write:
0: MPU_RNR register not changed, and the processor:
–Updates the base address for the region specified in the RNR
–
Ignores the value of the REGION field
1: the processor:
–
updates the value of the RNR to the value of the REGION field
–
updates the base address for the region specified in the REGION field.
Read:
Always read as zero.
Bits 3:0
REGION[3:0]: MPU region field
For the behavior on writes, see the description of the VALID field.
On reads, returns the current region number, as specified by the MPU_RNR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com