Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 117 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 113Page - STMicroelectronics PM0056 Datasheet HTML 114Page - STMicroelectronics PM0056 Datasheet HTML 115Page - STMicroelectronics PM0056 Datasheet HTML 116Page - STMicroelectronics PM0056 Datasheet HTML 117Page - STMicroelectronics PM0056 Datasheet HTML 118Page - STMicroelectronics PM0056 Datasheet HTML 119Page - STMicroelectronics PM0056 Datasheet HTML 120Page - STMicroelectronics PM0056 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 156 page
background image
DocID15491 Rev 5
117/156
PM0056
Core peripherals
SIZE field values
The SIZE field defines the size of the MPU memory region specified by the MPU_RNR
register as follows:
(Region size in bytes) = 2(SIZE+1)
The smallest permitted region size is 32B, corresponding to a SIZE value of 4. Table 4-45
gives example SIZE values, with the corresponding region size and value of N in the RBAR.
Bits 7:6
Reserved, forced by hardware to 0.
Bits 5:1
SIZE: Size of the MPU protection region.
The minimum permitted value is 3 (b00010), see SIZE field values for more information.
Bit 0
ENABLE: Region enable bit.
Table 39. Example SIZE field values
SIZE value
Region size
Value of N(1)
1. In the MPU_RBAR register see Section 4.2.8 on page 114
Note
b00100 (4)
32B
5
Minimum permitted size
b01001 (9)
1KB
10
-
b10011 (19)
1MB
20
-
b11101 (29)
1GB
30
-
b11111 (31)
4GB
b01100
Maximum possible size
Table 40. MPU register map and reset values
Offset
Register
0x00
MPU_TYPER
Reserved
IREGION[7:0]
DREGION[7:0]
Reserved
Reset Value
0 0 000 0 0 0 000 000 000001 000000 00 0 0 0 0
0x04
MPU_CR
Reserved
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0
0x08
MPU_RNR
Reserved
REGION[7:0]
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0
0x0C
MPU_RBAR
ADDR[31:N]...
REGION
[3:0]
Reset Value
0 0 000 0 0 0 000 000 000000 000000 00 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com