Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 112 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 108Page - STMicroelectronics PM0056 Datasheet HTML 109Page - STMicroelectronics PM0056 Datasheet HTML 110Page - STMicroelectronics PM0056 Datasheet HTML 111Page - STMicroelectronics PM0056 Datasheet HTML 112Page - STMicroelectronics PM0056 Datasheet HTML 113Page - STMicroelectronics PM0056 Datasheet HTML 114Page - STMicroelectronics PM0056 Datasheet HTML 115Page - STMicroelectronics PM0056 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 156 page
background image
Core peripherals
PM0056
112/156
DocID15491 Rev 5
4.2.6
MPU control register (MPU_CR)
Address offset: 0x04
Reset value: 0x0000 0000
Required privilege: Privileged
The MPU_CR register:
Enables the MPU
Enables the default memory map background region
Enables use of the MPU when in the hard fault, Non-maskable Interrupt (NMI), and
FAULTMASK escalated handlers.
When ENABLE and PRIVDEFENA are both set to 1:
For privileged accesses, the default memory map is as described in Section 2.2:
Memory model on page 24. Any access by privileged software that does not address
an enabled memory region behaves as defined by the default memory map.
Any access by unprivileged software that does not address an enabled memory region
causes a memory management fault.
XN and Strongly-ordered rules always apply to the System Control Space regardless of the
value of the ENABLE bit.
When the ENABLE bit is set to 1, at least one region of the memory map must be enabled
for the system to function unless the PRIVDEFENA bit is set to 1. If the PRIVDEFENA bit is
set to 1 and no regions are enabled, then only privileged software can operate.
When the ENABLE bit is set to 0, the system uses the default memory map. This has the
same memory attributes as if the MPU is not implemented, see Table 12: Memory access
behavior on page 26. The default memory map applies to accesses from both privileged
and unprivileged software.
When the MPU is enabled, accesses to the System Control Space and vector table are
always permitted. Other areas are accessible based on regions and whether PRIVDEFENA
is set to 1.
Unless HFNMIENA is set to 1, the MPU is not enabled when the processor is executing the
handler for an exception with priority –1 or –2. These priorities are only possible when
handling a hard fault or NMI exception, or when FAULTMASK is enabled. Setting the
HFNMIENA bit to 1 enables the MPU when operating with these two priorities.
Bits 15:8
DREGION[7:0]: Number of MPU data regions.
These bits indicates the number of supported MPU data regions.
0x08: Eight MPU regions
0x00: MPU not present
Bits 7:1
Reserved, forced by hardware to 0.
Bit 0
SEPARATE: Separate flag
This bit indicates support for unified or separate instruction and data memory maps:
0 = Unified
1 = Separate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com