Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 105 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 101Page - STMicroelectronics PM0056 Datasheet HTML 102Page - STMicroelectronics PM0056 Datasheet HTML 103Page - STMicroelectronics PM0056 Datasheet HTML 104Page - STMicroelectronics PM0056 Datasheet HTML 105Page - STMicroelectronics PM0056 Datasheet HTML 106Page - STMicroelectronics PM0056 Datasheet HTML 107Page - STMicroelectronics PM0056 Datasheet HTML 108Page - STMicroelectronics PM0056 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 156 page
background image
DocID15491 Rev 5
105/156
PM0056
Core peripherals
4
Core peripherals
4.1
About the STM32 core peripherals
The address map of the Private peripheral bus (PPB) is:
In register descriptions:
The required privilege gives the privilege level required to access the register, as
follows:
4.2
Memory protection unit (MPU)
This section describes the Memory protection unit (MPU) which is implemented in some
STM32 microcontrollers. Refer to the corresponding device datasheet to see if the MPU is
present in the STM32 type you are using.
The MPU divides the memory map into a number of regions, and defines the location, size,
access permissions, and memory attributes of each region. It supports:
Independent attribute settings for each region
Overlapping regions
Export of memory attributes to the system.
The memory attributes affect the behavior of memory accesses to the region. The Cortex-
M3 MPU defines:
Eight separate memory regions, 0-7
A background region.
When memory regions overlap, a memory access is affected by the attributes of the region
with the highest number. For example, the attributes for region 7 take precedence over the
attributes of any region that overlaps region 7.
The background region has the same memory access attributes as the default memory
map, but is accessible from privileged software only.
Table 33. STM32 core peripheral register regions
Address
Core peripheral
Description
0xE000E010-0xE000E01F
System timer
Table 49 on page 154
0xE000E100-0xE000E4EF
Nested vectored interrupt
controller
Table 44 on page 128
0xE000ED00-0xE000ED3F System control block
Table 48 on page 149
0xE000ED90-0xE000ED93 Memory protection unit
Table 40 on page 117(1)
1. Software can read the MPU Type Register at 0xE000ED90 to test for the presence of a memory protection
unit (MPU).
0xE000EF00-0xE000EF03
Nested vectored interrupt
controller
Table 44 on page 128
Privileged
Only privileged software can access the register.
Unprivileged Both unprivileged and privileged software can access the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com