Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 152 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 148Page - STMicroelectronics PM0056 Datasheet HTML 149Page - STMicroelectronics PM0056 Datasheet HTML 150Page - STMicroelectronics PM0056 Datasheet HTML 151Page - STMicroelectronics PM0056 Datasheet HTML 152Page - STMicroelectronics PM0056 Datasheet HTML 153Page - STMicroelectronics PM0056 Datasheet HTML 154Page - STMicroelectronics PM0056 Datasheet HTML 155Page - STMicroelectronics PM0056 Datasheet HTML 156Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 152 / 156 page
background image
Core peripherals
PM0056
152/156
DocID15491 Rev 5
4.5.2
SysTick reload value register (STK_LOAD)
Address offset: 0x04
Reset value: 0x0000 0000
Required privilege: Privileged
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
RELOAD[23:16]
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
RELOAD[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:24
Reserved, must be kept cleared.
Bits 23:0
RELOAD[23:0]: RELOAD value
The LOAD register specifies the start value to load into the VAL register when the counter is
enabled and when it reaches 0.
Calculating the RELOAD value
The RELOAD value can be any value in the range 0x00000001-0x00FFFFFF. A start value of
0 is possible, but has no effect because the SysTick exception request and COUNTFLAG are
activated when counting from 1 to 0.
The RELOAD value is calculated according to its use:
l
To generate a multi-shot timer with a period of N processor clock cycles, use a RELOAD
value of N-1. For example, if the SysTick interrupt is required every 100 clock pulses, set
RELOAD to 99.
l
To deliver a single SysTick interrupt after a delay of N processor clock cycles, use a
RELOAD of value N. For example, if a SysTick interrupt is required after 400 clock
pulses, set RELOAD to 400.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com