Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 153 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 148Page - STMicroelectronics PM0056 Datasheet HTML 149Page - STMicroelectronics PM0056 Datasheet HTML 150Page - STMicroelectronics PM0056 Datasheet HTML 151Page - STMicroelectronics PM0056 Datasheet HTML 152Page - STMicroelectronics PM0056 Datasheet HTML 153Page - STMicroelectronics PM0056 Datasheet HTML 154Page - STMicroelectronics PM0056 Datasheet HTML 155Page - STMicroelectronics PM0056 Datasheet HTML 156Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 153 / 156 page
background image
DocID15491 Rev 5
153/156
PM0056
Core peripherals
4.5.3
SysTick current value register (STK_VAL)
Address offset: 0x08
Reset value: 0x0000 0000
Required privilege: Privileged
4.5.4
SysTick calibration value register (STK_CALIB)
Address offset: 0x0C
Reset value: 0x0002328
Required privilege: Privileged
The CALIB register indicates the SysTick calibration properties.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CURRENT[23:16]
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
CURRENT[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:24
Reserved, must be kept cleared.
Bits 23:0
CURRENT[23:0]: Current counter value
The VAL register contains the current value of the SysTick counter.
Reads return the current value of the SysTick counter.
A write of any value clears the field to 0, and also clears the COUNTFLAG bit in the
STK_CTRL register to 0.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
NO
REF
SKEW
Reserved
TENMS[23:16]
r
r
rr
rrrr
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
TENMS[15:0]
r
rrrr
r
r
r
r
r
rrrr
r
r
Bit 31
NOREF: NOREF flag
Reads as zero. Indicates that a separate reference clock is provided. The frequency of this
clock is HCLK/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com