Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 154 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 148Page - STMicroelectronics PM0056 Datasheet HTML 149Page - STMicroelectronics PM0056 Datasheet HTML 150Page - STMicroelectronics PM0056 Datasheet HTML 151Page - STMicroelectronics PM0056 Datasheet HTML 152Page - STMicroelectronics PM0056 Datasheet HTML 153Page - STMicroelectronics PM0056 Datasheet HTML 154Page - STMicroelectronics PM0056 Datasheet HTML 155Page - STMicroelectronics PM0056 Datasheet HTML 156Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 154 / 156 page
background image
Core peripherals
PM0056
154/156
DocID15491 Rev 5
4.5.5
SysTick design hints and tips
The SysTick counter runs on the processor clock. If this clock signal is stopped for low
power mode, the SysTick counter stops.
Ensure software uses aligned word accesses to access the SysTick registers.
4.5.6
SysTick register map
The table provides shows the SysTick register map and reset values. The base address of
the SysTick register block is 0xE000 E010.
Bit 30
SKEW: SKEW flag
Reads as one. Calibration value for the 1 ms inexact timing is not known because TENMS is
not known. This can affect the suitability of SysTick as a software real time clock.
Bits 29:24
Reserved, must be kept cleared.
Bits 23:0
TENMS[23:0]: Calibration value
Indicates the calibration value when the SysTick counter runs on HCLK max/8 as external
clock. The value is product dependent, please refer to the Product Reference Manual, SysTick
Calibration Value section. When HCLK is programmed at the maximum frequency, the SysTick
period is 1ms.
If calibration information is not known, calculate the calibration value required from the
frequency of the processor clock or external clock.
Table 49. SysTick register map and reset values
Offset
Register
0x00
STK_CTRL
Reserved
Reserved
Reset Value
0
1 0 0
0x04
STK_LOAD
Reserved
RELOAD[23:0]
Reset Value
000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x08
STK_VAL
Reserved
CURRENT[23:0]
Reset Value
000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x0C
STK_CALIB
Reserved
TENMS[23:0]
Reset Value
000000000 00 00 0 0 0 0 0 0 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com