Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 169 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 165Page - STMicroelectronics RM0312 Datasheet HTML 166Page - STMicroelectronics RM0312 Datasheet HTML 167Page - STMicroelectronics RM0312 Datasheet HTML 168Page - STMicroelectronics RM0312 Datasheet HTML 169Page - STMicroelectronics RM0312 Datasheet HTML 170Page - STMicroelectronics RM0312 Datasheet HTML 171Page - STMicroelectronics RM0312 Datasheet HTML 172Page - STMicroelectronics RM0312 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 275 page
background image
DocID022352 Rev 3
169/275
RM0312
8-bit basic timer (TIM4)
170
18.5.6
Event generation register (TIM4_EGR)
Address offset: 0x05
Reset value: 0x00
18.5.7
Counter (TIM4_CNTR)
Address offset: 0x06
Reset value: 0x00
18.5.8
Prescaler register (TIM4_PSCR)
Address offset: 0x07
Reset value: 0x00
7
654
3210
Reserved
TG
Reserved
UG
w
w
Bit 7 Reserved
Bit 6 TG: Trigger generation
This bit is set by software in order to generate an event, it is automatically cleared by hardware.
0: No action
1: The TIF flag is set in TIM4_SR1 register. An interrupt is generated if enabled by the TIE bit.
Bits 5:1 Reserved
Bit 0 UG: Update generation
This bit can be set by software, it is automatically cleared by hardware.
0: No action
1: Re-initializes the counter and generates an update of the registers. Note that the prescaler
counter is cleared too.
7
654
3210
CNT[7:0]
rw
Bits 7:0 CNT[7:0]: Counter value
7
654
3210
Reserved
PSC[3:0]
rw
Bits 7:4 Reserved
Bits 3:0 PSC[3:0]: Prescaler value
The prescaler value divides the CK_PSC clock frequency.
The counter clock frequency fCK_CNT is equal to fCK_PSC / 2(PSC[3:0]).
PSC contains the value which will be loaded in the active prescaler register at each update event
(including when the counter is cleared through UG bit of TIM4_EGR register).
This means that an update event must be generated in order that a new prescaler value can be
taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com