Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 166 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 162Page - STMicroelectronics RM0312 Datasheet HTML 163Page - STMicroelectronics RM0312 Datasheet HTML 164Page - STMicroelectronics RM0312 Datasheet HTML 165Page - STMicroelectronics RM0312 Datasheet HTML 166Page - STMicroelectronics RM0312 Datasheet HTML 167Page - STMicroelectronics RM0312 Datasheet HTML 168Page - STMicroelectronics RM0312 Datasheet HTML 169Page - STMicroelectronics RM0312 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 275 page
background image
8-bit basic timer (TIM4)
RM0312
166/275
DocID022352 Rev 3
18.5.2
Control register 2 (TIM4_CR2)
Address offset: 0x01
Reset value: 0x00
7
654
3210
Reserved
MMS[2:0]
Reserved
rw
Bit 7 Reserved
Bits 6:4 MMS: Master mode selection
These bits select the information to be sent in master mode to other timers for synchronization
(TRGO). The combination is as follows:
000: Reset - the UG bit in the TIM4_EGR register is used as trigger output (TRGO). If the reset is
generated by the trigger input (clock/trigger mode controller configured in trigger reset mode) then
the signal on TRGO is delayed compared to the actual reset.
001: Enable - the Counter Enable signal is used as trigger output (TRGO). It is used to start several
timers at the same time or to control a window in which a slave timer is enabled. The Counter
Enable signal is generated by a logic OR between CEN control bit and the trigger input when
configured in gated mode. When the Counter Enable signal is controlled by the trigger input, there is
a delay on TRGO, except if the master/slave mode is selected (see the MSM bit description in the
TIM4_SMCR register).
010: Update - The update event is selected as trigger output (TRGO).
011: Reserved
100: Reserved
101: Reserved
110: Reserved
111: Reserved
Bits 3:0 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com