Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 163 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 159Page - STMicroelectronics RM0312 Datasheet HTML 160Page - STMicroelectronics RM0312 Datasheet HTML 161Page - STMicroelectronics RM0312 Datasheet HTML 162Page - STMicroelectronics RM0312 Datasheet HTML 163Page - STMicroelectronics RM0312 Datasheet HTML 164Page - STMicroelectronics RM0312 Datasheet HTML 165Page - STMicroelectronics RM0312 Datasheet HTML 166Page - STMicroelectronics RM0312 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 275 page
background image
DocID022352 Rev 3
163/275
RM0312
8-bit basic timer (TIM4)
170
18
8-bit basic timer (TIM4)
18.1
Introduction
The timer consists of an 8-bit auto-reload up-counter driven by a programmable prescaler. It
can be used for time base generation, with interrupt generation on timer overflow.
Refer to Section 17.3 on page 107 for the general description of the timer features.
Figure 64. TIM4 block diagram
18.2
TIM4 main features
The main features include:
•
8-bit up counter auto-reload counter
•
4-bit programmable prescaler allowing dividing (also “on the fly”) the counter clock
frequency by any power of 2 from 1 to 32768.
•
Interrupt generation
–
On counter update: counter overflow
–
On trigger input
18.3
TIM4 interrupts
The timer has 2 interrupt request sources:
•
Update Interrupt (overflow, counter initialization)
•
Trigger input
Prescaler
AutoReload Register
UP-COUNTER
UEV
Stop or Clear
UIF
Reg
event
Legend:
Preload registers transferred
to shadow registers on update
interrupt
CK_PSC
CK_CNT
fMASTER
TGI
TIM4_TRGO
to other timers
ITR = TRC= TRGI
TRGO from TIM3 (ITR2)
TRGO from TIM2 (ITR3)
UEV
control bit
event (UEV) according to
CLOCK/TRIGGER CONTROLLER
TIME BASE UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com