Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 160 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 156Page - STMicroelectronics RM0312 Datasheet HTML 157Page - STMicroelectronics RM0312 Datasheet HTML 158Page - STMicroelectronics RM0312 Datasheet HTML 159Page - STMicroelectronics RM0312 Datasheet HTML 160Page - STMicroelectronics RM0312 Datasheet HTML 161Page - STMicroelectronics RM0312 Datasheet HTML 162Page - STMicroelectronics RM0312 Datasheet HTML 163Page - STMicroelectronics RM0312 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
160/275
DocID022352 Rev 3
Note:
As the bits AOE, BKP, BKE and OSSI can be write-locked depending on the LOCK
configuration, it can be necessary to configure all of them during the first write access to the
TIMx_BKR register.
Note:
The state of the external I/O pins connected to the OCx channels depends on the OCx
channel state and the GPIO registers.
Bits 1:0 LOCK: Lock configuration
These bits offer a write protection against software errors.
00: LOCK OFF - No bits are write protected.
01: LOCK Level 1 = OISx bit in TIMx_OISR register and BKE/BKP/AOE bits in TIMx_BKR register
can no longer be written.
10: LOCK Level 2 = LOCK Level 1 + CC Polarity bits (CCxP bits in TIMx_CCERx registers, as long
as the related channel is configured in output through the CCxS bits) as well as the OSSR and OSSI
bits can no longer be written.
11: LOCK Level 3 = LOCK Level 2 + CC Control bits (OCxM and OCxPE bits in TIMx_CCMRx
registers, as long as the related channel is configured in output through the CCxS bits) can no
longer be written.
Note: The LOCK bits can be written only once after the reset. Once the TIMx_BKR register has been
written, their content is frozen until the next reset.
Table 35. Output control bit for OCx channels with break feature
Control bits
OCx/OCx_EN output state
MOE
bit
OSSI
bit
CCxE
bit
1X
0
Output Disabled (not driven by the timer)
OCx=CCxP, OCx_EN=0
1
OCx= OCxREF + Polarity ( OCxREF xor CCxP)
OCx_EN=1
0
00
Output Disabled (not driven by the timer)
OCx=OISx, OCx_EN=0
01
10
11
Off-State (output enabled with inactive state)
OCx=OISx, OCx_EN=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com