Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 158 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 154Page - STMicroelectronics RM0312 Datasheet HTML 155Page - STMicroelectronics RM0312 Datasheet HTML 156Page - STMicroelectronics RM0312 Datasheet HTML 157Page - STMicroelectronics RM0312 Datasheet HTML 158Page - STMicroelectronics RM0312 Datasheet HTML 159Page - STMicroelectronics RM0312 Datasheet HTML 160Page - STMicroelectronics RM0312 Datasheet HTML 161Page - STMicroelectronics RM0312 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
158/275
DocID022352 Rev 3
17.7.19
Capture/compare register 2 high (TIMx_CCR2H)
Address offset: 0x12
Reset value: 0x00
17.7.20
Capture/compare register 2 low (TIMx_CCR2L)
Address offset: 0x13
Reset value: 0x00
7
654
3210
CCR2[15:8]
rw
Bits 7:0 CCR2[15:8]: Capture/Compare 2 value (MSB)
If the CC2 channel is configured as output (CC2S bits in TIMx_CCMR2 register):
CCR2 is the value to be loaded in the actual capture/compare 2 register (preload value).
It is loaded permanently if the preload feature is not selected in the TIMx_CCMR2 register (bit
OC2PE). Else the preload value is copied in the active capture/compare 2 register when an update
event occurs.
The active capture/compare register contains the value to be compared to the counter TIMx_CNT
and signalled on OC2 output.
If the CC2 channel is configured as input (CC2S bits in TIMx_CCMR2 register):
CCR2 is the counter value transferred by the last input capture 2 event (IC2).
7
654
3210
CCR2[7:0]
rw
Bits 7:0 CCR2[7:0]: Capture/Compare value (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com