Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 155 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 151Page - STMicroelectronics RM0312 Datasheet HTML 152Page - STMicroelectronics RM0312 Datasheet HTML 153Page - STMicroelectronics RM0312 Datasheet HTML 154Page - STMicroelectronics RM0312 Datasheet HTML 155Page - STMicroelectronics RM0312 Datasheet HTML 156Page - STMicroelectronics RM0312 Datasheet HTML 157Page - STMicroelectronics RM0312 Datasheet HTML 158Page - STMicroelectronics RM0312 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 275 page
background image
DocID022352 Rev 3
155/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
17.7.12
Counter high (TIMx_CNTRH)
Address offset: 0x0B
Reset value: 0x00
17.7.13
Counter low (TIMx_CNTRL)
Address offset: 0x0C
Reset value: 0x00
17.7.14
Prescaler register (TIMx_PSCR)
Address offset: 0x0D
Reset value: 0x00
7
654
3210
CNT[15:8]
rw
Bits 7:0 CNT[15:8]: Counter value (MSB)
7
654
3210
CNT[7:0]
rw
Bits 7:0 CNT[7:0]: Counter value (LSB)
7
654
3210
Reserved
PSC[2:0]
rw
Bits 7:3 Reserved
Bits 2:0 PSC[2:0]: Prescaler value
The prescaler value divides the CK_PSC clock frequency.
The counter clock frequency fCK_CNT is equal to fCK_PSC / 2(PSC[2:0]). PSC[7:3] are forced to 0 by
hardware.
PSCR contains the value which will be loaded in the active prescaler register at each update event
(including when the counter is cleared through UG bit of TIMx_EGR register).
This means that an update event must be generated in order that a new prescaler value can be
taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com