Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 152 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 148Page - STMicroelectronics RM0312 Datasheet HTML 149Page - STMicroelectronics RM0312 Datasheet HTML 150Page - STMicroelectronics RM0312 Datasheet HTML 151Page - STMicroelectronics RM0312 Datasheet HTML 152Page - STMicroelectronics RM0312 Datasheet HTML 153Page - STMicroelectronics RM0312 Datasheet HTML 154Page - STMicroelectronics RM0312 Datasheet HTML 155Page - STMicroelectronics RM0312 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
152/275
DocID022352 Rev 3
Channel configured in input
Bit 2 OC1FE: Output compare 1 fast enable.
This bit is used to accelerate the effect of an event on the trigger in input on the CC output.
0: CC1 behaves normally depending on counter and CCR1 values even when the trigger is ON. The
minimum delay to activate CC1 output when an edge occurs on the trigger input is 5 clock cycles.
1: An active edge on the trigger input acts like a compare match on CC1 output. Then, OC is set to
the compare level independently from the result of the comparison. Delay to sample the trigger input
and to activate CC1 output is reduced to 3 clock cycles. OCFE acts only if the channel is configured
in PWM1 or PWM2 mode.
Bits 1:0 CC1S: Capture/Compare 1 selection
This bit-field defines the direction of the channel (input/output) as well as the used input.
00: CC1 channel is configured as output.
01: CC1 channel is configured as input, IC1 is mapped on TI1FP1.
10: CC1 channel is configured as input, IC1 is mapped on TI2FP1.
11: Reserved
Note: CC1S bits are writable only when the channel is OFF (CC1E= ’0’ in TIMx_CCER1 and
updated).
7
654
3210
IC1F[3:0]
IC1PSC[1:0]
CC1S[1:0]
rw
rw
rw
Bits 7:4 IC1F: Input capture 1 filter
This bit-field defines the frequency used to sample TI1 input and the length of the digital filter applied
to TI1. The digital filter is made of an event counter in which N events are needed to validate a
transition on the output:
0000: No filter, sampling is done at fMASTER
0001: fSAMPLING=fMASTER, N=2
0010: fSAMPLING=fMASTER, N=4
0011: fSAMPLING=fMASTER, N=8
0100: fSAMPLING=fMASTER/2, N=6
0101: fSAMPLING=fMASTER/2, N=8
0110: fSAMPLING=fMASTER/4, N=6
0111: fSAMPLING=fMASTER/4, N=8
1000: fSAMPLING=fMASTER/8, N=6
1001: fSAMPLING=fMASTER/8, N=8
1010: fSAMPLING=fMASTER/16, N=5
1011: fSAMPLING=fMASTER/16, N=6
1100: fSAMPLING=fMASTER/16, N=8
1101: fSAMPLING=fMASTER/32, N=5
1110: fSAMPLING=fMASTER/32, N=6
1111: fSAMPLING=fMASTER/32, N=8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com