Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 154 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 150Page - STMicroelectronics RM0312 Datasheet HTML 151Page - STMicroelectronics RM0312 Datasheet HTML 152Page - STMicroelectronics RM0312 Datasheet HTML 153Page - STMicroelectronics RM0312 Datasheet HTML 154Page - STMicroelectronics RM0312 Datasheet HTML 155Page - STMicroelectronics RM0312 Datasheet HTML 156Page - STMicroelectronics RM0312 Datasheet HTML 157Page - STMicroelectronics RM0312 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
154/275
DocID022352 Rev 3
Channel configured in input
17.7.11
Capture/compare enable register 1 (TIMx_CCER1)
Address offset: 0x0A
Reset value: 0x00
7
654
3210
IC2F[3:0]
IC2PSC[1:0]
CC2S[1:0]
rw
rw
rw
Bits 7:4 IC2F: Input capture 2 filter
Bits 3:2 IC2PSC: Input capture 2 prescaler
Bits 1:0 CC2S: Capture/Compare 2 selection
This bit-field defines the direction of the channel (input/output) as well as the used input.
00: CC2 channel is configured as output.
01: CC2 channel is configured as input, IC2 is mapped on TI2FP2.
10: CC2 channel is configured as input, IC2 is mapped on TI1FP2.
11: Reserved
Note: CC2S bits are writable only when the channel is OFF (CC2E = ’0’ in TIMx_CCER1).
7
654
3210
Reserved
CC2P
CC2E
Reserved
CC1P
CC1E
rw
rw
rw
rw
Bits 6:7 Reserved
Bit 5 CC2P: Capture/Compare 2 output polarity
refer to CC1P description
Bit 4 CC2E: Capture/Compare 2 output enable
refer to CC1E description
Bits 2:3 Reserved
Bit 1 CC1P: Capture/Compare 1 output polarity
CC1 channel configured as output:
0 : OC1 active high
1 : OC1 active low
CC1 channel configured as input for capture function (see Figure 51):
0 : Capture is done on a rising edge of TI1F or TI2F
1 : Capture is done on a falling edge of TI1F or TI2F
Bit 0 CC1E: Capture/Compare 1 output enable
CC1 channel configured as output:
0 : Off - OC1 is not active.
1 : On - OC1 signal is output on the corresponding output pin.
CC1 channel configured as input:
In this case this bit determines if a capture of the counter value can actually be done into the input
capture/compare register 1 (TIMx_CCR1) or not.
0 : Capture disabled.
1 : Capture enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com