Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 148 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 144Page - STMicroelectronics RM0312 Datasheet HTML 145Page - STMicroelectronics RM0312 Datasheet HTML 146Page - STMicroelectronics RM0312 Datasheet HTML 147Page - STMicroelectronics RM0312 Datasheet HTML 148Page - STMicroelectronics RM0312 Datasheet HTML 149Page - STMicroelectronics RM0312 Datasheet HTML 150Page - STMicroelectronics RM0312 Datasheet HTML 151Page - STMicroelectronics RM0312 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
148/275
DocID022352 Rev 3
17.7.5
Interrupt enable register (TIMx_IER)
Address offset: 0x04
Reset value: 0x00
17.7.6
Status register 1 (TIMx_SR1)
Address offset: 0x05
Reset value: 0x00
7
654
3210
BIE
TIE
Reserved
CC2IE
CC1IE
UIE
rw
rw
rw
rw
rw
Bit 7 BIE: Break interrupt enable
0: Break Interrupt disabled.
1: Break Interrupt enabled.
Bit 6 TIE: Trigger Interrupt Enable.
0: Trigger Interrupt disabled.
1: Trigger Interrupt enabled.
Bits 5:3 Reserved
Bit 2 CC2IE: Capture/Compare 2 interrupt enable
0: CC2 Interrupt disabled
1: CC2 Interrupt enabled
Bit 1 CC1IE: Capture/Compare 1 interrupt enable
0: CC1 Interrupt disabled
1: CC1 Interrupt enabled
Bit 0 UIE: Update interrupt enable
0: Update Interrupt disabled
1: Update Interrupt enabled
7
654
3210
BIF
TIF
Reserved
CC2IF
CC1IF
UIF
rc_w0
rc_w0
rc_w0
rc_w0
rc_w0
Bit 7 BIF: Break interrupt flag
This flag is set by hardware as soon as the break input goes active. It can be cleared by software if
the break input is not active.
0: No break event occurred.
1: An active level has been detected on the break input.
Bit 6 TIF: Trigger interrupt flag
This flag is set by hardware on trigger event (active edge detected on TRGI signal, both edges in
case gated mode is selected). It is cleared by software.
0: No trigger event occurred.
1: Trigger interrupt pending.
Bits 5:3 Reserved
Bit 2 CC2IF: Capture/Compare 2 interrupt flag
Refer to CC1IF description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com