Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 147 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 143Page - STMicroelectronics RM0312 Datasheet HTML 144Page - STMicroelectronics RM0312 Datasheet HTML 145Page - STMicroelectronics RM0312 Datasheet HTML 146Page - STMicroelectronics RM0312 Datasheet HTML 147Page - STMicroelectronics RM0312 Datasheet HTML 148Page - STMicroelectronics RM0312 Datasheet HTML 149Page - STMicroelectronics RM0312 Datasheet HTML 150Page - STMicroelectronics RM0312 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 275 page
background image
DocID022352 Rev 3
147/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
17.7.4
External trigger register (TIMx_ETR)
Address offset: 0x03
Reset value: 0x00
7
654
3210
ETP
ECE
ETPS[1:0]
ETF[3:0]
rw
rw
rw
rw
Bit 7 ETP: External trigger polarity
This bit selects whether ETR or ETR is used for trigger operations
0: ETR is non-inverted, active at high level or rising edge.
1: ETR is inverted, active at low level or falling edge.
Bit 6 ECE: External clock enable
This bit enables External clock mode 2.
0: External clock mode 2 disabled.
1: External clock mode 2 enabled. The counter is clocked by any active edge on the ETRF signal.
Note: Setting the ECE bit has the same effect as selecting the external clock mode 1 with TRGI
connected to ETRF (SMS=111 and TS=111 in the TIMx_SMCR register).
It is possible to use simultaneously the external clock mode 2 with the following modes: trigger
standard mode, trigger reset mode and trigger gated mode. Nevertheless, TRGI must not be
connected to ETRF in this case (TS bits must not be 111 in TIMx_SMCR register).
If external clock mode 1 and external clock mode 2 are enabled at the same time, the external
clock input will be ETRF.
Bits 5:4 ETPS: External trigger prescaler
External trigger signal ETRP frequency must be at must 1/4 of fMASTER frequency. A prescaler can
be enabled to reduce ETRP frequency. It is useful when inputting fast external clocks.
00: Prescaler OFF.
01: ETRP frequency divided by 2.
10: ETRP frequency divided by 4.
11: ETRP frequency divided by 8.
Bits 3:0 ETF: External trigger filter
This bit-field defines the frequency used to sample ETRP signal and the length of the digital filter
applied to ETRP. The digital filter is made of an event counter in which N events are needed to
validate a transition on the output:
0000: No filter, sampling is done at fMASTER
0001: fSAMPLING=fMASTER, N=2
0010: fSAMPLING=fMASTER, N=4
0011: fSAMPLING=fMASTER, N=8
0100: fSAMPLING=fMASTER/2, N=6
0101: fSAMPLING=fMASTER/2, N=8
0110: fSAMPLING=fMASTER/4, N=6
0111: fSAMPLING=fMASTER/4, N=8
1000: fSAMPLING=fMASTER/8, N=6
1001: fSAMPLING=fMASTER/8, N=8
1010: fSAMPLING=fMASTER/16, N=5
1011: fSAMPLING=fMASTER/16, N=6
1100: fSAMPLING=fMASTER/16, N=8
1101: fSAMPLING=fMASTER/32, N=5
1110: fSAMPLING=fMASTER/32, N=6
1111: fSAMPLING=fMASTER/32, N=8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com