Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 144 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 140Page - STMicroelectronics RM0312 Datasheet HTML 141Page - STMicroelectronics RM0312 Datasheet HTML 142Page - STMicroelectronics RM0312 Datasheet HTML 143Page - STMicroelectronics RM0312 Datasheet HTML 144Page - STMicroelectronics RM0312 Datasheet HTML 145Page - STMicroelectronics RM0312 Datasheet HTML 146Page - STMicroelectronics RM0312 Datasheet HTML 147Page - STMicroelectronics RM0312 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
144/275
DocID022352 Rev 3
17.7
TIMx registers
17.7.1
Control register 1 (TIMx_CR1)
Address offset: 0x00
Reset value: 0x00
7
654
3210
ARPE
CMS[1:0]
DIR
OPM
URS
UDIS
CEN
rw
rw
rw
rw
rw
rw
rw
Bit 7 ARPE: Auto-Reload Preload Enable
0: TIMx_ARR register is not buffered through a preload register. It can be written directly.
1: TIMx_ARR register is buffered through a preload register.
Bits 6:5 CMS: Center-aligned Mode Selection
00: Edge-aligned mode. The counter counts up or down depending on the direction bit (DIR).
01: Center-aligned mode 1. The counter counts up and down alternately. Output compare interrupt
flags of channels configured in output (CCxS=00 in TIMx_CCMRx register) are set only when the
counter is counting down.
10: Center-aligned mode 2. The counter counts up and down alternately. Output compare interrupt
flags of channels configured in output (CCxS=00 in TIMx_CCMRx register) are set only when the
counter is counting up.
11: Center-aligned mode 3. The counter counts up and down alternately. Output compare interrupt
flags of channels configured in output (CCxS=00 in TIMx_CCMRx register) are set both when the
counter is counting up or down.
Note: It is not allowed to switch from edge-aligned mode to center-aligned mode as long as the
counter is enabled (CEN=1)
Encoder mode (SMS=001, 010 or 011 in GPT_SMCR register) must be disabled in center-
aligned mode.
Bit 4 DIR: Direction
0: Counter used as up-counter.
1: Counter used as down-counter.
Note: This bit is read only when the timer is configured in Center-aligned mode or Encoder mode.
Bit 3 OPM: One Pulse Mode
0: Counter is not stopped at update event
1: Counter stops counting at the next update event (clearing the CEN bit )
Bit 2 URS: Update Request Source
0: When enabled, an update interrupt request is sent as soon as registers are updated (counter
overflow)
1: When enabled, an update interrupt request is sent only when the counter reaches the overflow.
Bit 1 UDIS: Update Disable
0: An Update event is generated as soon as a counter overflow occurs or a software update is
generated or an hardware reset is generated by the clock/trigger mode controller. Buffered registers
are then loaded with their preload values
1: An Update event is not generated, shadow registers keep their value (ARR, PSC, CCRx). The
counter and the prescaler are re-initialized if the UG bit is set .
Bit 0 CEN: Counter Enable
0: Counter disabled
1: Counter enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com