Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 159 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 155Page - STMicroelectronics RM0312 Datasheet HTML 156Page - STMicroelectronics RM0312 Datasheet HTML 157Page - STMicroelectronics RM0312 Datasheet HTML 158Page - STMicroelectronics RM0312 Datasheet HTML 159Page - STMicroelectronics RM0312 Datasheet HTML 160Page - STMicroelectronics RM0312 Datasheet HTML 161Page - STMicroelectronics RM0312 Datasheet HTML 162Page - STMicroelectronics RM0312 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 275 page
background image
DocID022352 Rev 3
159/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
17.7.21
Break register (TIMx_BKR)
Address offset: 0x14
Reset value: 0x00
7
654
3210
MOE
AOE
BKP
BKE
Reserved
OSSI
LOCK
rw
rw
rw
rw
rw
rw
Bit 7 MOE: Main output enable
This bit is cleared asynchronously by hardware as soon as the break input is active. It is set by
software or automatically depending on the AOE bit. It is acting only on the channels which are
configured in output.
0: OC outputs are disabled or forced to idle state.
1: OC outputs are enabled if their respective enable bits are set (CCxE in TIMx_CCERx registers).
See OC enable description for more details (Table 35: Output control bit for OCx channels with
break feature on page 160).
Bit 6 AOE: Automatic output enable
0: MOE can be set only by software
1: MOE can be set by software or automatically at the next update event (if the break input is not be
active)
Note: This bit can no longer be modified as long as LOCK level 1 has been programmed (LOCK bits
in the TIMx_BKR register).
Bit 5 BKP: Break polarity
0: Break input BKIN is active low
1: Break input BKIN is active high
Note: This bit can no longer be modified as long as LOCK level 1 has been programmed (LOCK bits
in the TIMx_BKR register).
Bit 4 BKE: Break enable
0: Break input (BKIN) disabled
1: Break input (BKIN) enabled
Note: This bit can no longer be modified as long as LOCK level 1 has been programmed (LOCK bits
in the TIMx_BKR register).
Bit 3 Reserved
Bit 2 OSSI: Off-State selection for idle mode
This bit is used when MOE=0 on channels configured as outputs.
See OC enable description for more details (Table 35: Output control bit for OCx channels with
break feature on page 160).
0: When inactive, OCx outputs are disabled (OCx enable output signal=0).
1: When inactive, OCx outputs are forced first with their idle level as soon as CCxE=1. OC enable
output signal=1).
Note: This bit can no longer be modified as soon as the LOCK level 2 has been programmed (LOCK
bits in the TIMx_BKR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com