Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 189 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 185Page - STMicroelectronics RM0312 Datasheet HTML 186Page - STMicroelectronics RM0312 Datasheet HTML 187Page - STMicroelectronics RM0312 Datasheet HTML 188Page - STMicroelectronics RM0312 Datasheet HTML 189Page - STMicroelectronics RM0312 Datasheet HTML 190Page - STMicroelectronics RM0312 Datasheet HTML 191Page - STMicroelectronics RM0312 Datasheet HTML 192Page - STMicroelectronics RM0312 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 275 page
background image
DocID022352 Rev 3
189/275
RM0312
Inter-integrated circuit (I2C) interface
200
19.7.4
Own address register 1 LSB (I2C_OAR1L)
Address offset: 0x03
Reset value: 0x00
19.7.5
Own address register 1 MSB (I2C_OAR1H)
Address offset: 0x04
Reset value: 0x00
7
654
3210
ADD1[7:1]
ADD1[0]
rw
rw
Bits 7:1 ADD1[7:1] Interface address
bits 7:1 of address
Bit 0 ADD1[0] Interface address
7-bit addressing mode: don’t care
10-bit addressing mode: bit 0 of address
7
654
3210
ADDMODE
ADDCONF
Reserved
ADD1[9:8]
Reserved
rw
rw
rw
Bit 7 ADDMODE Addressing mode (Slave mode)
0: 7-bit slave address (10-bit address not acknowledged)
1: 10-bit slave address (7-bit address not acknowledged)
Bit 6 ADDCONF Address mode configuration
This bit must set by software (must always be written as ‘1’).
Bits 5:3 Reserved
Bits 2:1 ADD1[9:8] Interface address
10-bit addressing mode: bits 9:8 of address.
Bit 0 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com