Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 190 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 186Page - STMicroelectronics RM0312 Datasheet HTML 187Page - STMicroelectronics RM0312 Datasheet HTML 188Page - STMicroelectronics RM0312 Datasheet HTML 189Page - STMicroelectronics RM0312 Datasheet HTML 190Page - STMicroelectronics RM0312 Datasheet HTML 191Page - STMicroelectronics RM0312 Datasheet HTML 192Page - STMicroelectronics RM0312 Datasheet HTML 193Page - STMicroelectronics RM0312 Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 275 page
background image
Inter-integrated circuit (I2C) interface
RM0312
190/275
DocID022352 Rev 3
19.7.6
Own address register 2 (I2C_OAR2)
Address offset: 0x05
Reset value: 0x00
19.7.7
Data register (I2C_DR)
Address offset: 0x06
Reset value: 0x00
7
6
5432
1
0
ADD2[7:1]
ENDUAL
rw
rw
Bits 7:1 ADD2[7:1]: Interface address
Bits 7:1 of address in Dual addressing mode.
Bit 0 ENDUAL: Dual addressing mode enable
0: Only OAR1 is recognized in 7-bit Addressing mode.
1: Both OAR1 and OAR2 are recognized in 7-bit Addressing mode.
7
654
3210
DR[7:0]
rw
Bits 7:0 DR[7:0]: Data register (1)(2)(3)
Byte received or to be transmitted to the bus.
– Transmitter mode: Byte transmission starts automatically when a byte is written in the DR register. A
continuous transmit stream can be maintained if the next data to be transmitted is put in DR once
the transmission is started (TXE=1)
– Receiver mode: Received byte is copied into DR (RXNE=1). A continuous transmit stream can be
maintained if DR is read before the next data is received (RXNE=1).
1. In slave mode, the address is not copied into DR.
2. Write collision is not managed (DR can be written if TXE=0).
3.
If an ARLO event occurs on ACK pulse, the received byte is not copied into DR and so cannot be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com