Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 198 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 194Page - STMicroelectronics RM0312 Datasheet HTML 195Page - STMicroelectronics RM0312 Datasheet HTML 196Page - STMicroelectronics RM0312 Datasheet HTML 197Page - STMicroelectronics RM0312 Datasheet HTML 198Page - STMicroelectronics RM0312 Datasheet HTML 199Page - STMicroelectronics RM0312 Datasheet HTML 200Page - STMicroelectronics RM0312 Datasheet HTML 201Page - STMicroelectronics RM0312 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 275 page
background image
Inter-integrated circuit (I2C) interface
RM0312
198/275
DocID022352 Rev 3
Table 40. I2C_CCR values for SCL frequency (fMASTER = 16 MHz(1))
1. The following table gives the values to be written in the I2C_CCR register to obtain the required I²C SCL
line frequency
I2C
speed
I2C frequency (fSCL)
Hz
fMASTER = 16 MHz
Actual (Hz)
% error (%)
I2C_CCR (h)
Duty cycle bit
Fast
speed
400000
410256.41
2.56
D
0
370000
380952.38
2.96
E
0
350000
355555.56
1.59
F
0
320000
320000
0
2
1
300000
313725.49
4.57
11
0
270000
280701.75
3.96
13
0
250000
253968.25
1.59
15
0
220000
222222.22
1.01
18
0
200000
205128.20
2.56
1A
0
170000
172043.01
1.20
1F
0
150000
152380.95
1.59
23
0
120000
121212.12
1.01
2C
0
Standard
speed
100000
100000
0
50
No impact
50000
50000
0
A0
30000
30075.19
0.25
10A
20000
20000
0
190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com