Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 202 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 198Page - STMicroelectronics RM0312 Datasheet HTML 199Page - STMicroelectronics RM0312 Datasheet HTML 200Page - STMicroelectronics RM0312 Datasheet HTML 201Page - STMicroelectronics RM0312 Datasheet HTML 202Page - STMicroelectronics RM0312 Datasheet HTML 203Page - STMicroelectronics RM0312 Datasheet HTML 204Page - STMicroelectronics RM0312 Datasheet HTML 205Page - STMicroelectronics RM0312 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 275 page
background image
Serial peripheral interface (SPI)
RM0312
202/275
DocID022352 Rev 3
20.3
SPI functional description
20.3.1
General description
The block diagram of the SPI is shown in Figure 72.
Figure 72. SPI block diagram
The SPI is connected to external devices through four pins:
•
MISO: Master In / Slave Out data (port C7). This pin can be used to transmit data in
slave mode and receive data in master mode.
•
MOSI: Master Out / Slave In data (port C6). This pin can be used to transmit data in
master mode and receive data in slave mode.
•
SCK: Serial Clock output (port C5) for SPI masters and Serial Clock input for SPI
slaves.
•
NSS: Slave select (port E5). This is a optional pin to select a slave device. This pin acts
as a ‘chip select’ to let the SPI master communicate with slaves individually and to
avoid contention on the data lines. Slave NSS inputs can be driven by standard I/O
ports on the master device. When configured in master mode (MSTR bit =1) and if NSS
is pulled low, the SPI enters master mode fault state: the MSTR bit is automatically
reset and the device is configured in slave mode (refer to Section 20.3.8: Error flags on
page 216).
A basic example of interconnections between a single master and a single slave is
illustrated in Figure 73.
RX BUFFER
TX BUFFER
SHIFT REGISTER
LSBFirst
READ
WRITE
ADDRESS AND DATA BUS
MOSI
MISO
BAUD RATE GENERATOR
SCK
MASTER CONTROL LOGIC
COMMUNICATION
CONTROL
SPE BR2
BR1 BR0 MSTRCPOL CPHA
BR[2:0]
RXIE
LSB
BIDI
MODE
BIDI
OE
RX
SSM SSI
OVR MOD
RXNE
TXE
ERR
TXIE
WK
0
0
00
WKIE
ONLY
0
1
NSS
IE
F
UP
FIRST
BSY
fMASTER
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com