Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 42 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 42 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 184 page
background image
42
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Clock Generating Circuit
The following paragraphs describes the clocks generated by the clock generating circuit.
(1) Main clock
The main clock is generated by the main clock oscillation circuit. After a reset, the clock is divided by 8 to
the BCLK. The clock can be stopped using the main clock stop bit (bit 5 at address 000616). Stopping the
clock reduces the power dissipation.
After the oscillation of the main clock oscillation circuit has stabilized, the drive capacity of the XOUT pin
can be reduced using the XIN-XOUT drive capacity select bit (bit 5 at address 000716). Reducing the drive
capacity of the XOUT pin reduces the power dissipation. This bit defaults to “1” when shifting to stop mode
and after a reset.
(2) Sub clock
The sub clock is generated by the sub clock oscillation circuit. No sub clock is generated after a reset.
After oscillation is started using the port Xc select bit (bit 4 at address 000616), the sub clock can be
selected as the BCLK by using the system clock select bit (bit 7 at address 000616). However, be sure
that the sub clock oscillation has fully stabilized before switching.
After the oscillation of the sub clock oscillation circuit has stabilized, the drive capacity of the XCOUT pin
can be reduced using the XCIN-XCOUT drive capacity select bit (bit 3 at address 000616). Reducing the
drive capacity of the XCOUT pin reduces the power dissipation. This bit changes to “1” when shifting to
stop mode and at a reset.
(3) BCLK
The BCLK is the clock that drives the CPU, and is either the main clock or fc or is derived by dividing the
main clock by 2, 4, 8, or 16. The BCLK is derived by dividing the main clock by 8 after a reset.
When shifting to stop mode, the main clock division select bit (bit 6 at 000616) is set to “1”.
(4) Peripheral function clock
• f1, f8, f32, f1SIO2, f8SIO2,f32SIO2
The clock for the peripheral devices is derived from the main clock or by dividing it by 8 or 32. The
peripheral function clock is stopped by stopping the main clock or by setting the WAIT peripheral function
clock stop bit (bit 2 at 000616) to “1” and then executing a WAIT instruction.
• fAD
This clock has the same frequency as the main clock and is used for A-D conversion.
(5) fC32
This clock is derived by dividing the sub clock by 32. It is used for the timer A and timer B counts.
(6) fC
This clock has the same frequency as the sub clock. It is used for the BCLK and for the watchdog timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com