Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 88 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 88 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 92Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 184 page
background image
88
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Timer A
(2) Event counter mode
In this mode, the timer counts an external signal or an internal timer’s overflow. Timers A0 and A1 can
count a single-phase external signal. Timers A2, A3, and A4 can count a single-phase and a two-phase
external signal. Table 1.17.2 lists timer specifications when counting a single-phase external signal.
Figure 1.17.8 shows the timer Ai mode register in event counter mode.
Table 1.17.3 lists timer specifications when counting a two-phase external signal. Figure 1.17.9 shows
the timer Ai mode register in event counter mode.
Figure 1.17.8. Timer Ai mode register in event counter mode
Timer Ai mode register
Note 1: In event counter mode, the count source is selected by the event / trigger select bit
(addresses 038216 and 038316).
Note 2: The settings of the corresponding port register and port direction register are invalid.
Note 3: Valid only when counting an external signal.
Note 4: When an “L” signal is input to the TAiOUT pin, the downcount is activated. When “H”,
the upcount is activated. Set the corresponding port direction register to “0”.
Note 5: In Timer A1 and A2 mode register of M30623(80-pin package), set these bits to “0”.
Symbol
Address
When reset
TAiMR(i = 0, 1)
039616, 039716
0016
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode select bit
0 1 : Event counter mode (Note 1)
b1 b0
TMOD0
MR0
Pulse output function
select bit (Note 5)
0 : Pulse is not output
(TAiOUT pin is a normal port pin)
1 : Pulse is output (Note 2)
(TAiOUT pin is a pulse output pin)
Count polarity
select bit (Note 3,Note 5)
MR2
MR1
MR3
0 (Must always be fixed to “0” in event counter mode)
TCK0
Count operation type
select bit
01
0
0 : Counts external signal's falling edge
1 : Counts external signal's rising edge
Up/down switching cause
select bit (Note 5)
0 : Up/down flag's content
1 : TAiOUT pin's input signal (Note 4)
0 : Reload type
1 : Free-run type
Bit symbol
Bit name
Function
RW
TCK1
Invalid in event counter mode
Can be “0” or “1”
TMOD1
Item
Specification
Count source
• External signals input to TAiIN pin (effective edge can be selected by software)
• TB2 overflow, TAj overflow
Count operation
• Up count or down count can be selected by external signal or software
• When the timer overflows or underflows, it reloads the reload register con
tents before continuing counting (Note)
Divide ratio
1/ (FFFF16 - n + 1) for up count
1/ (n + 1) for down count
n : Set value
Count start condition
Count start flag is set (= 1)
Count stop condition
Count start flag is reset (= 0)
Interrupt request generation timing The timer overflows or underflows
TAiIN pin function
Programmable I/O port or count source input
TAiOUT pin function
Programmable I/O port, pulse output, or up/down count select input
Read from timer
Count value can be read out by reading timer Ai register
Write to timer
• When counting stopped
When a value is written to timer Ai register, it is written to both reload register and counter
• When counting in progress
When a value is written to timer Ai register, it is written to only reload register
(Transferred to counter at next reload time)
Select function
• Free-run count function
Even when the timer overflows or underflows, the reload register content is not reloaded to it
• Pulse output function
Each time the timer overflows or underflows, the TAiOUT pin’s polarity is reversed
Note 1: This does not apply when the free-run function is selected.
Note 2: M30623(80-pin package) does not have I/O pins(TAiIN,TAiOUT) for timer A1 and A2.
Table 1.17.2. Timer specifications in event counter mode (when not processing two-phase pulse signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com