Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 184 page
background image
17
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
Figure 1.6.3. Device's internal status after a reset is cleared
(8)
(9)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
(19)
(20)
(21)
(22)
(23)
(1)
(000416)•••
Processor mode register 0 (Note 1)
(2)
(000516)•••
Processor mode register 1
(4)
(000716)•••
System clock control register 1
(5)
(000816)•••
Chip select control register
(6)
(000916)•••
Address match interrupt enable register
(7) Protect register
(3)
(000616)•••
System clock control register 0
0016
(000A16)•••
(000F16)•••
Watchdog timer control register
(001016)•••
Address match interrupt register 0
(001116)•••
(001216)•••
(001416)•••
Address match interrupt register 1
(001516)•••
(001616)•••
(002C16)•••
DMA0 control register
(003C16)•••
DMA1 control register
(004A16)•••
Bus collision detection interrupt
(004B16)•••
DMA0 interrupt control register
(004C16)•••
DMA1 interrupt control register
(004D16)•••
Key input interrupt control register
(24) A-D conversion interrupt control register
(004E16)•••
Data bank register
(000B16)•••
(10)
(004416)•••
INT3 interrupt control register
(004516)•••
Timer B5 interrupt control register
(004616)•••
Timer B4 interrupt control register
(004716)•••
Timer B3 interrupt control register
(004816)•••
SI/O4 interrupt control register
(004916)•••
SI/O3 interrupt control register
(25)
(26)
(27)
(28)
(29)
(30)
(004F16)•••
UART2 transmit interrupt control register
(005016)•••
UART2 receive interrupt control register
(005116)•••
UART0 transmit interrupt control register
(005216)•••
UART0 receive interrupt control register
(005316)•••
UART1 transmit interrupt control register
(005416)•••
UART1 receive interrupt control register
(31)
(32)
(33)
(34)
(39)
(41)
(40)
(35)
(36)
(37)
(38)
(005516)•••
Timer A0 interrupt control register
(005616)•••
Timer A1 interrupt control register
(005716)•••
Timer A2 interrupt control register
(005816)•••
Timer A3 interrupt control register
(005916)•••
Timer A4 interrupt control register
(005A16)•••
Timer B0 interrupt control register
(005B16)•••
Timer B1 interrupt control register
(005C16)•••
Timer B2 interrupt control register
(005D16)•••
INT0 interrupt control register
(005E16)•••
INT1 interrupt control register
(005F16)•••
INT2 interrupt control register
(45)
(46)
(034816)•••
Three-phase PWM control register 0
(034916)•••
Three-phase PWM control register 1
(034A16)•••
Three-phase output buffer register 0
(034B16)•••
Three-phase output buffer register 1
(43)
(42)
(034016)•••
Timer B3,4,5 count start flag
(44)
(47)
(035B16)•••
Timer B3 mode register
(48)
(035C16)•••
Timer B4 mode register
(49)
(035D16)•••
Timer B5 mode register
(50)
(035F16)•••
Interrupt cause select register
0
00
0
0
0
01
0
0
10 0
1
00
0
0
00 0
0
00
0
1
00 0
00
00
0
0016
?
U
00
?
??
?
0016
0016
00
0
0
0016
0016
00
0
0
0
00
0
0
0? 0
0
00
0
0
0? 0
00
0
?0
0
0
?0
0
0
?0
0
0
?0
0
00
0
?0
0
00
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
00
0
?0
0
00
0
?0
0
00
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0
?0
0
0016
0016
0016
0016
0016
0
?0
0
0
00
0
?0
0
0
00
0
?0
0
0
00
0
0
0
0
Note 1 : When the VCC level is applied to the CNVSS pin, it is 0316 at a reset.
control register
U : This bit is the cold start / warm start flag, is set to “0” at power on reset (refer to Page 71).
! : Nothing is mapped to this bit.
? : Undefined
The content of other registers and RAM is undefined when the microcomputer is reset.
The initial values must therefore be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com