Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 45 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 45 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 184 page
background image
45
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Wait Mode
When a WAIT instruction is executed, the BCLK stops and the microcomputer enters the wait mode. In this
mode, oscillation continues but the BCLK and watchdog timer stop. Writing “1” to the WAIT peripheral
function clock stop bit and executing a WAIT instruction stops the clock being supplied to the internal
peripheral functions, allowing power dissipation to be reduced. Table 1.13.3 shows the status of the ports in
wait mode.
Wait mode is cancelled by a hardware reset or interrupt. If an interrupt is used to cancel wait mode, the
microcomputer restarts using as BCLK, the clock that had been selected when the WAIT instruction was
executed.
Wait Mode
Table 1.13.3. Port status during wait mode
Pin
Memory expansion mode
Single-chip mode
Microprocessor mode
_______
_______
Address bus, data bus, CS0 to CS3
Retains status before wait mode
_____
______
________
________
_________
RD, WR, BHE, WRL, WRH
“H”
__________
HLDA,BCLK
“H”
ALE
“H”
Port
Retains status before wait mode
Retains status before wait mode
CLKOUT
When fC selected
Valid only in single-chip mode
Does not stop
When f8, f32 selected
Valid only in single-chip mode
Does not stop when the WAIT
peripheral function clock stop
bit is “0”.
When the WAIT peripheral
function clock stop bit is “1”, the
status immediately prior to en-
tering wait mode is main-
tained.
Note 1:
______
______
In M30623(80-pin package), CS0 to CS3 have no corresponding external pin, but are internally the
above conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com