Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 29 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 29 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 184 page
background image
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
29
Processor Mode
Figure 1.9.1. Processor mode register 0 and 1
Processor mode register 0 (Note 1)
Symbol
Address
When reset
PM0
000416
0016 (Note 2)
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Inhibited
1 1: Microprocessor mode
b1 b0
PM03
PM01
PM00
Processor mode bit
PM02
R/W mode select bit
0 : RD,BHE,WR
1 : RD,WRH,WRL
Software reset bit
The device is reset when this bit is set
to “1”. The value of this bit is “0” when
read.
PM04
0 0 : Multiplexed bus is not used
0 1 : Allocated to CS2 space
1 0 : Allocated to CS1 space
1 1 : Allocated to entire space (Note4)
b5 b4
Multiplexed bus space
select bit
PM05
PM06
PM07
Port P40 to P43 function
select bit (Note 3)
0 : Address output
1 : Port function
(Address is not output)
BCLK output disable bit
0 : BCLK is output
1 : BCLK is not output
(Pin is left floating)
Processor mode register 1 (Note 1)
Symbol
Address
When reset
PM1
000516
00000XX02
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
Reserved bit
Must always be set to “0”
0
PM17
Wait bit
0 : No wait state
1 : Wait state inserted
Memory area
expansion bit (Note 2)
0 0 : Normal mode
(Do not expand)
0 1 : Inhibited
1 0 : Memory area expansion
mode 1
1 1 : Memory area expansion
mode 2
b5 b4
PM15
PM14
Reserved bit
Must always be set to “0”
0
0
Note 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new values to this register.
Note 2: If the VCC voltage is applied to the CNVSS, the value of this register when reset is 0316.
(PM00 and PM01 both are set to “1”.)
Note 3: Valid in microprocessor and memory expansion modes.
Note 4: If the entire space is of multiplexed bus in memory expansion mode, choose an 8-bit width.
The processor operates using the separate bus after reset is revoked, so the entire space multiplexed
bus cannot be chosen in microprocessor mode. The higher-order address becomes a port if the entire
space multiplexed bus is chosen, so only 256 bytes can be used in each chip select.
Note 5: The M16C/62T group is not guaranteed to operate in memory expansion and microprocessor modes.
Note 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new values to this register.
Note 2: With the processor running in memory expansion mode or in microprocessor mode, setting this
bit provides the means of expanding the external memory area. (Normal mode: up to 1M byte,
expansion mode 1: up to 1.2 M bytes, expansion mode 2: up to 4M bytes)
For details, see “Memory space expansion functions”.
Note 3: The M16C/62T group is not guaranteed to operate in memory expansion and microprocessor modes.
Reserved bit
Must always be set to “0”
Reserved bit
Must always be set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com