Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 87 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 87 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 91Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 184 page
background image
87
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Timer A
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• Down count
• When the timer underflows, it reloads the reload register contents before continuing counting
Divide ratio
1/(n+1)
n : Set value
Count start condition
Count start flag is set (= 1)
Count stop condition
Count start flag is reset (= 0)
Interrupt request generation timing
When the timer underflows
TAiIN pin function
Programmable I/O port or gate input
TAiOUT pin function
Programmable I/O port or pulse output
Read from timer
Count value can be read out by reading timer Ai register
Write to timer
• When counting stopped
When a value is written to timer Ai register, it is written to both reload register and counter
• When counting in progress
When a value is written to timer Ai register, it is written to only reload register
(Transferred to counter at next reload time)
Select function
• Gate function
Counting can be started and stopped by the TAiIN pin’s input signal
• Pulse output function
Each time the timer underflows, the TAiOUT pin’s polarity is reversed
(1) Timer mode
In this mode, the timer counts an internally generated count source. (See Table 1.17.1.) Figure 1.17.7
shows the timer Ai mode register in timer mode.
Table 1.17.1. Specifications of timer mode
Note 1: The settings of the corresponding port register and port direction register
are invalid.
Note 2: The bit can be “0” or “1”.
Note 3: Set the corresponding port direction register to “0”.
Note 4: In timer A1 and A2 mode register of M30623(80-pin package), set these
bits to “0”.
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i=0 to 4)
039616 to 039A16
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode
select bit
0 0 : Timer mode
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
(Note 4)
0 : Pulse is not output
(TAiOUT pin is a normal port pin)
1 : Pulse is output (Note 1)
(TAiOUT pin is a pulse output pin)
Gate function select bit
0 X (Note 2): Gate function not available
(TAiIN pin is a normal port pin)
1 0 : Timer counts only when TAiIN pin is
held “L” (Note 3)
1 1 : Timer counts only when TAiIN pin is
held “H” (Note 3)
b4 b3
MR2
MR1
MR3
0 (Must always be fixed to “0” in timer mode)
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
00
0
(Note 4)
Figure 1.17.7. Timer Ai mode register in timer mode
Note 1: M30623(80-pin package) does not have I/O pins(TAiIN,TAiOUT) for timer A1 and A2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com