Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 83 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 83 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 184 page
background image
83
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Timer
Figure 1.17.2. Timer B block diagram
• Event counter mode
• Event counter mode
• Event counter mode
• Timer mode
• Pulse width measuring mode
• Timer mode
• Pulse width measuring mode
• Timer mode
• Pulse width measuring mode
TB0IN
TB1IN
TB2IN
Timer B0
Timer B1
Timer B2
f1 f8 f32 fC32
Timer B0 interrupt
Noise
filter
Noise
filter
Noise
filter
1/32
fC32
1/8
1/4
f1
f8
f32
XIN
XCIN
Clock prescaler reset flag (bit 7
at address 038116) set to “1”
Reset
Clock prescaler
Timer A
• Event counter mode
• Event counter mode
• Event counter mode
• Timer mode
• Pulse width measuring mode
• Timer mode
• Pulse width measuring mode
• Timer mode
• Pulse width measuring mode
TB3IN
TB4IN
TB5IN
Timer B3
Timer B4
Timer B5
Timer B3 interrupt
Noise
filter
Noise
filter
Noise
filter
Timer B1 interrupt
Timer B2 interrupt
Timer B4 interrupt
Timer B5 interrupt
Note 1: In M30623(80-pin package), do not use TB1IN as the event input, because it is not connected
to the external pin. And these pins have to do connection of unused pins (refer to Page 170).
Note 2: The TB5IN pin (P71) is shared with RxD2 and the TA0IN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com