Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M30622ECTFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 184 page
background image
1
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
------Table of Contents------
Description
The M16C/62T group of single-chip microcomputers are built using the high-performance silicon gate
CMOS process using a M16C/60 Series CPU core and are packaged in a 100-pin or a 80-pin plastic
molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high
level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at
high speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling office,
communications, industrial equipment, and other high-speed processing applications.
The M16C/62T group includes a wide range of products with different internal memory types and sizes and
various package types.
Features
• Memory capacity .................................. M30623M4T-XXXGP : ROM 32K bytes, RAM 3K bytes
M30622M8T/M8V-XXXFP,M30623M8T/M8V-XXXGP : ROM 64K bytes, RAM 4K bytes
M30622MCT/MCV-XXXFP,M30623MCT/MCV-XXXGP : ROM 128K bytes, RAM 5K bytes
M30622ECT/ECV-XXXFP,M30623ECT/ECV-XXXGP : PROM 128K bytes, RAM 5K bytes
• Shortest instruction execution time ......62.5ns (f(XIN)=16MHZ, VCC=5V)
• Supply voltage ..................................... Mask ROM version : 4.2 to 5.5V (f(XIN)=16MHZ, without software wait)
One-time PROM version : 4.5 to 5.5V (f(XIN)=16MHZ, without software wait)
• Low power consumption ......................140mW (VCC = 5V, f(XIN)=16MHZ)
• Interrupts
25 internal interrupt sources, 8 external interrupt sources (M30622(100-pin package))
/5 sources (M30623(80-pin package)), 4 software interrupt sources,
7 levels (including key input interrupt)
• Multifunction 16-bit timer ......................5 I/O timers + 6 input timers(M30622(100-pin package))
3 I/O timers + 5 input timers(M30623(80-pin package))
• Inside 16-bit timer ................................ 3 timers(only M30623(80-pin package))(Note 1)
• Serial I/O .............................................. • M30622(100-pin package) : 3 for UART or clock synchronous + 2 for synchronous
• M30623(80-pin package) : 3 for UART or clock synchronous(one of exclusive UART)
+ 2 for synchronous(one of exclusive transmission)
• DMAC .................................................. 2 channels (trigger: 24 sources)
• A-D converter ....................................... 10 bits X 8 channels (Expandable up to 26 channels)
• D-A converter ....................................... 8 bits X 2 channels
• CRC calculation circuit ......................... 1 circuit
• Watchdog timer .................................... 1 line
• Programmable I/O ...............................87 lines(M30622(100-pin package)),70 lines(M30623(80-pin package))
• Input port ..............................................
_______
1 line (P85 shared with NMI pin)
• Memory expansion .............................. Available (to 1.2M bytes or 4M bytes)
• Chip select output ................................ 4 lines(only M30622(100-pin package))(Note 2)
• Clock generating circuit ....................... 2 built-in clock generation circuits (built-in feedback resistor, and external ceramic or quartz oscillator)
Note 1: In M30623(80-pin package), these timers have no corresponding external pin can be used as
internal timers.
Note 2: M30623(80-pin package) has no external pin for chip select output.
Applications
Audio, cameras, office equipment, communications
equipment, portable equipment, cars, etc
Central Processing Unit (CPU) ..................... 12
Reset ............................................................. 15
Processor Mode ............................................ 28
Clock Generating Circuit ............................... 40
Protection ...................................................... 49
Interrupts ....................................................... 50
Watchdog Timer ............................................ 70
DMAC ........................................................... 72
Specifications written in this manual are believed to be accurate, but are
not guaranteed to be entirely free of error.
Specifications in this manual may be changed for functional or performance
improvements. Please make sure your manual is the latest edition.
Timer ............................................................. 82
Timers’ function for three-phase motor control.......... 100
Serial I/O ..................................................... 112
A-D Converter ............................................. 146
D-A Converter ............................................. 157
CRC Calculation Circuit .............................. 159
Programmable I/O Ports ............................. 161
Electrical characteristics ............................. 176


Similar Part No. - M30622ECTFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622EC-XXXFP RENESAS-M30622EC-XXXFP Datasheet
8Mb / 621P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
M30622EC-XXXFS RENESAS-M30622EC-XXXFS Datasheet
8Mb / 621P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
M30622EC-XXXGP RENESAS-M30622EC-XXXGP Datasheet
8Mb / 621P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
More results

Similar Description - M30622ECTFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com