Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 15 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 184 page
background image
15
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
Figure 1.6.2. Reset sequence
Reset
There are two kinds of resets; hardware and software. In both cases, operation is the same after the reset.
(See “Software Reset” for details of software resets.) This section explains on hardware resets.
When the supply voltage is in the range where operation is guaranteed, a reset is effected by holding the
reset pin level “L” (0.2VCC max.) for at least 20 cycles. When the reset pin level is then returned to the “H”
level while main clock is stable, the reset status is cancelled and program execution resumes from the
address in the reset vector table.
Figure 1.6.1 shows the example reset circuit. Figure 1.6.2 shows the reset sequence.
Figure 1.6.1. Example reset circuit
XIN
Microprocessor
mode
BYTE = “H”
BCLK
FFFFC16
FFFFD16
FFFFE16
Content of reset vector
BCLK 24 cycles
More than 20 cycles are needed
Address
FFFFC16
Content of reset vector
Address
FFFFE16
RESET
RD
WR
CS0
RD
WR
CS0
FFFFC16
Content of reset vector
Address
Single chip
mode
FFFFE16
(“H”)
Microprocessor
mode
BYTE = “L”
(“H”)
Note 1: In M30623(80-pin package), the BYTE signal has no external pin, and is internally connected to
the CNVSS signal. Accordingly, in the microprocessor mode, BYTE = CNVSS = Vcc.
Note 2: M16C/62T group is not guaranteed to operate in memory expansion and microprocessor modes.
Note 3: M30623(80-pin package) is not provided with the chip select signals (CS0 to CS3).
Vcc
RESET
4.0V
0.8V
0V
5V
0V
5V
Vcc
RESET
Example when Vcc=5V.
More than 20 cycles of XIN are needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com