Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 56 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 56 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 184 page
background image
56
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Interrupt
Figure 1.14.3. Interrupt control registers
Symbol
Address
When reset
INTiIC (i=3)
004416
XX00X0002
SiIC/INTjIC (i=4, 3)
004816, 004916
XX00X0002
(j=4, 5)
INTiIC (i=0 to 2)
005D16 to 005F16
XX00X0002
Bit
name
Functio
n
Bit
symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
ILVL0
IR
POL
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be “0”.
Interrupt priority level
select bit
Interrupt request bit
Polarity select bit
Reserved bit
0: Interrupt not requested
1: Interrupt requested
0 : Selects falling edge
1 : Selects rising edge
Always set to “0”
ILVL1
ILVL2
Note 1: This bit can only be accessed for reset (= 0), but cannot be accessed for set (= 1).
Note 2: In M30623(80-pin package), can not use INT3 to INT5 interrupts. Always set INT3IC
to ‘‘00’’. Each of INT4IC and INT5IC is shared with S3IC and S4IC, but in case of not
using as S3IC and S4IC, always set to ‘‘00’’.
Note 3: To rewrite the interrupt control register, do so at a point that dose not generate the
interrupt request for that register. For details, see the precautions for interrupts.
(Note 1)
Interrupt control register
b7
b6
b5
b4
b3
b2
b1
b0
Bit
name
Functio
n
Bit symbol
W
R
Symbol
Address
When reset
TBiIC(i=3 to 5)
004516 to 004716
XXXXX0002
BCNIC
004A16
XXXXX0002
DMiIC(i=0, 1)
004B16, 004C16
XXXXX0002
KUPIC
004D16
XXXXX0002
ADIC
004E16
XXXXX0002
SiTIC(i=0 to 2)
005116, 005316, 004F16
XXXXX0002
SiRIC(i=0 to 2)
005216, 005416, 005016
XXXXX0002
TAiIC(i=0 to 4)
005516 to 005916
XXXXX0002
TBiIC(i=0 to 2)
005A16 to 005C16
XXXXX0002
ILVL0
I
R
Interrupt priority level
select bit
Interrupt request bit
0 : Interrupt not requested
1 : Interrupt requested
ILVL1
ILVL2
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be “0”.
(Note 1)
Note 1: This bit can only be accessed for reset (= 0), but cannot be accessed for set (= 1).
Note 2: To rewrite the interrupt control register, do so at a point that dose not generate the
interrupt request for that register. For details, see the precautions for interrupts.
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com