Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 44 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 44 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 184 page
background image
44
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Clock Generating Circuit
Clock Output
In single-chip mode, the clock output function select bits (bits 0 and 1 at address 000616) enable f8, f32, or
fc to be output from the P57/CLKOUT pin. When the WAIT peripheral function clock stop bit (bit 2 at address
000616) is set to “1”, the output of f8 and f32 stops when a WAIT instruction is executed.
Stop Mode
Writing “1” to the all-clock stop control bit (bit 0 at address 000716) stops all oscillation and the microcom-
puter enters stop mode. In stop mode, the content of the internal RAM is retained provided that VCC re-
mains above 2V.
Because the oscillation , BCLK, f1 to f32, f1SIO2 to f32SIO2, fC, fC32, and fAD stops in stop mode, peripheral
functions such as the A-D converter and watchdog timer do not function. However, timer A and timer B
operate provided that the event counter mode is set to an external pulse, and UARTi(i = 0 to 2) functions
provided an external clock is selected. Table 1.13.2 shows the status of the ports in stop mode.
Stop mode is cancelled by a hardware reset or interrupt. If an interrupt is to be used to cancel stop mode,
that interrupt must first have been enabled.
When shifting to stop mode, the main clock division select bit 0 (bit 6 at 000616) is set to “1”.
Note 1:
______
______
In M30623(80-pin package), CS0 to CS3 have no corresponding external pin, but are internally the
above conditions.
Table 1.13.2. Port status during stop mode
Pin
Memory expansion mode
Single-chip mode
Microprocessor mode
_______
_______
Address bus, data bus, CS0 to CS3
Retains status before stop mode
_____
______
________
________
_________
RD, WR, BHE, WRL, WRH
“H”
__________
HLDA, BCLK
“H”
ALE
“H”
Port
Retains status before stop mode
Retains status before stop mode
CLKOUT
When fc selected
Valid only in single-chip mode
“H”
When f8, f32 selected
Valid only in single-chip mode
Retains status before stop mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com