Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 67 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 67 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 184 page
background image
67
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Address Match Interrupt
An address match interrupt is generated when the address match interrupt address register contents match
the program counter value. Two address match interrupts can be set, each of which can be enabled and
disabled by an address match interrupt enable bit. Address match interrupts are not affected by the inter-
rupt enable flag (I flag) and processor interrupt priority level (IPL). The value of the program counter (PC)
for an address match interrupt varies depending on the instruction being executed.
Figure 1.14.12 shows the address match interrupt-related registers.
Bit name
Bit symbol
Symbol
Address
When reset
AIER
000916
XXXXXX002
Address match interrupt enable register
Function
W
R
Address match interrupt 0
enable bit
0 : Interrupt disabled
1 : Interrupt enabled
AIER0
Address match interrupt 1
enable bit
AIER1
Symbol
Address
When reset
RMAD0
001216 to 001016
X0000016
RMAD1
001616 to 001416
X0000016
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to
be indeterminated.
b7
b6
b5
b4
b3
b2
b1
b0
W
R
Address setting register for address match interrupt
Function
Values that can be set
Address match interrupt register i (i = 0, 1)
0000016 to FFFFF16
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to
be indeterminated.
0 : Interrupt disabled
1 : Interrupt enabled
b0 b7
b0
b3
(b19)
(b16)
b7
b0
(b15)
(b8)
b7
(b23)
Figure 1.14.12. Address match interrupt-related registers
Address Match Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com