Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 65 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 65 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 184 page
background image
65
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
______
INT Interrupt
________
________
INT0 to INT5 are triggered by the edges of external inputs. The edge polarity is selected using the polarity
select bit.
________
Of interrupt control registers, 004816 is used both as serial I/O4 and external interrupt INT5 input control
________
register, and 004916 is used both as serial I/O3 and as external interrupt INT4 input control register. Use the
interrupt request cause select bits - bits 6 and 7 of the interrupt request cause select register (035F16) - to
specify which interrupt request cause to select. After having set an interrupt request cause, be sure to clear
the corresponding interrupt request bit before enabling an interrupt.
Either of the interrupt control registers - 004816, 004916 - has the polarity-switching bit. Be sure to set this bit
to “0” to select an serial I/O as the interrupt request cause.
As for external interrupt input, an interrupt can be generated both at the rising edge and at the falling edge
by setting “1” in the INTi interrupt polarity switching bit of the interrupt request cause select register
(035F16). To select both edges, set the polarity switching bit of the corresponding interrupt control register
to ‘falling edge’ (“0”).
Figure 1.14.10 shows the Interrupt request cause select register.
Note 1:
_______
_______
In M30623(80-pin package), can not use INT3 to INT5 as the interrupt factor, because
_______
_______
P15/D13/INT3 to P17/D15/INT5 have no corresponding external pin.
Figure 1.14.10. Interrupt request cause select register
Interrupt request cause select register
Bit name
Fumction
Bit symbol
W
R
Symbol
Address
When reset
IFSR
035F16
0016
IFSR0
b7
b6
b5
b4
b3
b2
b1
b0
INT0 interrupt polarity
swiching bit
0 : SIO3
1 : INT4
0 : SIO4
1 : INT5
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
INT1 interrupt polarity
swiching bit
INT2 interrupt polarity
swiching bit
INT3 interrupt polarity
swiching bit
INT4 interrupt polarity
swiching bit
INT5 interrupt polarity
swiching bit
0 : One edge
1 : Two edges
Interrupt request cause
select bit
Interrupt request cause
select bit
IFSR1
IFSR2
IFSR3
IFSR4
IFSR5
IFSR6
IFSR7
Note 1: In M30623(80-pin package), can not use INT3 to INT5 interrupts,
so setting data of these bits are invalid.
Note 2: In M30623(80-pin package), can not use INT3 to INT5 interrupts.
______
INT Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com