Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 184 page
background image
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
10
Pin Description
Pin Description
Pin name
P40 to P47
______
______
CS0 to CS3,
A16 to A19
P50 to P57
________ ______
WRL/WR,
_________ _______
WRH/BHE,
RD,
BCLK,
__________
HLDA,
__________
HOLD,
ALE,
________
RDY
P60 to P67
P70 to P77
P80 to P84,
P86,
P87,
P85
P90 to P97
P100 to P107
Signal name
I/O port P4
I/O port P5
I/O port P6
I/O port P7
I/O port P8
I/O port P85
I/O port P9
I/O port P10
I/O type
Input/output
Output
Output
Input/output
Output
Output
Output
Output
Output
Input
Output
Input
Input/output
Input/output
Input/output
Input/output
Input/output
Input
Input/output
Input/output
Function
This is an 8-bit I/O port equivalent to P0.
______
______
_______
_______
These pins output CS0–CS3 signals and A16–A19. CS0–CS3 are
chip select signals used to specify an access space. A16–A19 are 4
high-order address bits.
This is an 8-bit I/O port equivalent to P0. In single-chip mode, P57 in
this port outputs a divide-by-8 or divide-by-32 clock of XIN or a clock
of the same frequency as XCIN as selected by software.
________
________
______
_______
_____
__________
Output WRL, WRH (WR and BHE), RD, BCLK, HLDA, and ALE
________
_________
_______
______
signals. WRL and WRH, and BHE and WR can be switched using
software control.
________
________
_____
s WRL, WRH, and RD selected
With a 16-bit external data bus, data is written to even addresses
________
when the WRL signal is “L” and to the odd addresses when the
________
_____
WRH signal is “L”. Data is read when RD is “L”.
______
_______
_____
s WR, BHE, and RD selected
______
_____
Data is written when WR is “L”. Data is read when RD is “L”. Odd
_______
addresses are accessed when BHE is “L”. Use this mode when
using an 8-bit external data bus.
__________
While the input level at the HOLD pin is “L”, the microcomputer is
__________
placed in the hold state. While in the hold state, HLDA outputs a
“L” level. ALE is used to latch the address. While the input level of
_______
the RDY pin is “L”, the microcomputer is in the ready state.
This is an 8-bit I/O port equivalent to P0. Pins in this port also
function as UART0 and UART1 I/O pins as selected by software.
This is an 8-bit I/O port equivalent to P0 (P70 and P71 are N channel
open-drain output). Pins in this port also function as timer A0–A3,
timer B5 or UART2 I/O pins as selected by software.
P80 to P84, P86 and P87 are I/O ports with the same functions as P0.
Using software, they can be made to function as the I/O pins for
timer A4 and the input pins for external interrupts. P86 and P87 can
be set using software to function as the I/O pins for a sub clock
generation circuit. In this case, connect a quartz oscillator between
P86 (XCOUT pin) and P87 (XCIN pin). P85 is an input-only port that
_______
_______
also functions for NMI. The NMI interrupt is generated when the
_______
input at this pin changes from “H” to “L”. The NMI function cannot be
cancelled using software. The pull-up cannot be set for this pin.
This is an 8-bit I/O port equivalent to P0. Pins in this port also
function as SI/O 3, 4 I/O pins, timer B0–B4 input pins, D-A converter
output pins, A-D converter extended input pins, or A-D trigger input
pins as selected by software.
This is an 8-bit I/O port equivalent to P0. Pins in this port also
funciton as A-D converter input pins. Furthermore, P104–P107 also
function as input pins for the key input interrupt function.
Note 1: In M30623(80-pin package), the following signals do not have the corresponding external pin.
_______
_______
q P10/D8 to P14/D12, P15/D13/INT3 to P17/D15/INT5
_______
_______
q P44/CS0 to P47/CS3
________
________
__
___
q P72/CLK2/TA1OUT/V, P73/CST2/RTS2/TA1IN/V, P74/TA2OUT/W, P75/TA2IN/W
q P91/TB1IN/SIN3
Note 2: The M16C/62T group is not guaranteed to operate in memory expansion and microprocessor modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com