Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 68 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 68 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 184 page
background image
68
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Precautions for Interrupts
(1) Reading address 0000016
• When maskable interrupt is occurred, CPU read the interrupt information (the interrupt number and
interrupt request level) in the interrupt sequence.
The interrupt request bit of the certain interrupt written in address 0000016 will then be set to “0”.
Reading address 0000016 by software sets enabled highest priority interrupt source request bit to “0”.
Though the interrupt is generated, the interrupt routine may not be executed.
Do not read address 0000016 by software.
(2) Setting the stack pointer
• The value of the stack pointer immediately after reset is initialized to 000016. Accepting an interrupt
before setting a value in the stack pointer may become a factor of runaway. Be sure to set a value in
_______
the stack pointer before accepting an interrupt. When using the NMI interrupt, initialize the stack point
at the beginning of a program. Concerning the first instruction immediately after reset, generating any
_______
interrupts including the NMI interrupt is prohibited.
_______
(3) The NMI interrupt
_______
• As for the NMI interrupt pin, an interrupt cannot be disabled. Connect it to the Vcc pin via a resistor
(pull-up) if unused. Be sure to work on it.
_______
• The NMI pin also serves as P85, which is exclusively input. Reading the contents of the P8 register
allows reading the pin value. Use the reading of this pin only for establishing the pin level at the time
_______
when the NMI interrupt is input.
_______
• Do not reset the CPU with the input to the NMI pin being in the “L” state.
_______
• Do not attempt to go into stop mode with the input to the NMI pin being in the “L” state. With the input to
_______
the NMI being in the “L” state, the CM10 is fixed to “0”, so attempting to go into stop mode is turned
down.
_______
• Do not attempt to go into wait mode with the input to the NMI pin being in the “L” state. With the input to
_______
the NMI pin being in the “L” state, the CPU stops but the oscillation does not stop, so no power is saved.
In this instance, the CPU is returned to the normal state by a later interrupt.
_______
• Signals input to the NMI pin require an "L" level of 1 clock or more, from the operation clock of the CPU.
(4) External interrupt
________
• Either an “L” level or an “H” level of at least 250 ns width is necessary for the signal input to pins INT0
________
through INT5 regardless of the CPU operation clock.
________
________
• When the polarity of the INT0 to INT5 pins is changed, the interrupt request bit is sometimes set to "1".
After changing the polarity, set the interrupt request bit to "0". Figure 1.14.13 shows the procedure for
______
changing the INT interrupt generate factor.
Note 1:
_______
_______
In M30623(80-pin package), can not use INT3 to INT5 as the interrupt factor,because
_______
_______
P15/D13/INT3 to P17/D15/INT5 have no corresponding external pin.
Precautions for Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com