Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30622ECTFP Datasheet(PDF) 82 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 82 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 184 page
background image
82
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Timer
Timer
There are eleven 16-bit timers. These timers can be classified by function into timers A (five) and timers B
(six). All these timers function independently. Figures 1.17.1 and 1.17.2 show the block diagram of timers.
• Timer mode
• One-shot mode
• PWM mode
• Timer mode
• One-shot mode
• PWM mode
• Timer mode
• One-shot mode
• PWM mode
• Timer mode
• One-shot mode
• PWM mode
• Timer mode
• One-shot mode
• PWM mode
• Event counter mode
• Event counter mode
• Event counter mode
• Event counter mode
• Event counter mode
TA0IN
TA1IN
TA2IN
TA3IN
TA4IN
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
f1 f8 f32 fC32
Timer A0 interrupt
Timer A1 interrupt
Timer A2 interrupt
Timer A3 interrupt
Timer A4 interrupt
Noise
filter
Noise
filter
Noise
filter
Noise
filter
Noise
filter
1/32
fC32
1/8
1/4
f1
f8
f32
XIN
XCIN
Clock prescaler reset flag (bit 7
at address 038116) set to “1”
Reset
Clock prescaler
Timer B2 overflow
Note 1: In M30623(80-pin package), do not use TA1IN and TA2IN as the event input, because these are not
connected to the external pin. And these pins have to do connection of unused pins (refer to Page 170).
Note 2: The TA0IN pin (P71) is shared with RxD2 and the TB5IN pin.
Figure 1.17.1. Timer A block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com