Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  STC5455 Datasheet HTML 1Page - Connor-Winfield Corporation STC5455 Datasheet HTML 2Page - Connor-Winfield Corporation STC5455 Datasheet HTML 3Page - Connor-Winfield Corporation STC5455 Datasheet HTML 4Page - Connor-Winfield Corporation STC5455 Datasheet HTML 5Page - Connor-Winfield Corporation STC5455 Datasheet HTML 6Page - Connor-Winfield Corporation STC5455 Datasheet HTML 7Page - Connor-Winfield Corporation STC5455 Datasheet HTML 8Page - Connor-Winfield Corporation STC5455 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Page 1 of 56 TM121
Rev: P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Functional Specification
Data sheet
Preliminary
Figure 1:Functional Block Diagram
Description
The RoHS 6/6 compliant STC5455 is a single chip clock
synchronization solution for applications in SDH/SETS,
SONET, and Synchronous Ethernet network elements. The
device is fully compliant with ITU-T G.813 option 1 and 2,
G.8262 EEC option 1and 2, Telcordia GR1244 and GR253.
The STC5455 accepts 5 clock reference inputs, three exter-
nal frame sync inputs (EX_SYNC1, 2, 3) and generates 4
synchronized clock outputs. Synchronized outputs may be
programmed for wide variety of frequencies from 1MHz up
to 156.25MHz, in 1kHz steps. Reference inputs are individ-
ually monitored for activity and quality. Reference selection
may be automatic, manual, or hard-wired manual.
Two independent timing generators, T0 and T4, may oper-
ate in the Freerun, Synchronized, Pseudo Holdover, and
Holdover mode. Synchronization is operated in external
timing mode while freerun and holdover are operated in
self-timing mode. Each timing generator includes a DSP-
based PLL. DSP-based PLL technology removes any exter-
nal component except the oscillator. It provides excellent
performance and reliability to STC5455.
The STC5455 is clocked by an external oscillator (TCXO or
OCXO). Using a well-chosen external oscillator ensures the
STC5455 meet the required specifications and standards.
Features
- Complies with ITU-T G.813 opt1/2, G.8262 EEC opt1/2,
Telcordia GR1244 and GR253 (Stratum3/4E/4/SMC)
- Two timing generators, T0 and T4; T4 locks indepen-
dently or locks to T0
- Supports Multiple-Master redundant application (T0 tim-
ing generator only)
- Accepts external oscillator at frequency of 10MHz,
12.8MHz, 19.2MHz, or 20MHz with programming
- Accepts 5 clock reference inputs
- Provides three 2kHz or 8kHz external frame sync inputs
- Each reference input is monitored for activity and quality
- Supports automatic frequency detection or manually
acceptable frequency.
- Automatic, manual, and hard-wired manual reference
selection
- Outputs 4 synchronized
clock outputs, including 2 frame
pulse outputs
- 4 programmable clock synthesizers
- Phase-align locking or hit-less reference switching
- Programmable loop bandwidth, from 0.1Hz to 100Hz
- Programmable phase skew in synthesizer level
- SPI bus interface
- Single 3.3V operation
- IEEE 1149.1 JTAG boundary scan
- Available in TQFP 64 package
5
Synth
F
Frame8K
Frame2K
EX_SYNC 1
T0 Timing
SPI Interface
CLK1, LVPECL/LVDS
CLK8K
Ref
Monitor
CLK2K
3 LVCMOS
+
2 LVPECL/LVDS
OCXO
TCXO
Generator
T4 Timing
Generator
SRCSW
Synthesizer G1
Ref Clk
Synthesizer G2
Synthesizer GT4
CLK2
EX_SYNC 2
EX_SYNC 3
1MHz ~ 156.25MHz
1MHz ~ 156.25MHz
2.048MHz


Similar Part No. - STC5455

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5415 CONNOR-WINFIELD-STC5415 Datasheet
783Kb / 48P
Line Card Clock
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
Synchronous Clock for SETS
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
Synchronous Clock for SETS
STC5425 CONNOR-WINFIELD-STC5425 Datasheet
790Kb / 48P
Line Card Clock
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
Synchronous Clock for SETS
More results

Similar Description - STC5455

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCG4501 ETC2-SCG4501 Datasheet
1Mb / 16P
Synchronous Clock Generators
STC4130 ETC2-STC4130 Datasheet
416Kb / 44P
Synchronous Clock for SETS
logo
Connor-Winfield Corpora...
SCG4521 CONNOR-WINFIELD-SCG4521 Datasheet
1Mb / 16P
Synchronous Clock Generators
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
Synchronous Clock for SETS
logo
List of Unclassifed Man...
734200-1 ETC2-734200-1 Datasheet
51Kb / 1P
HNADTOL FOR CHANGEABLE DIE SETS
logo
Connor-Winfield Corpora...
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
Synchronous Clock for SETS
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
Synchronous Clock for SETS
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
SETS for SyncE and OTN
February 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com