Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 45 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 45 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 41Page - Connor-Winfield Corporation STC5455 Datasheet HTML 42Page - Connor-Winfield Corporation STC5455 Datasheet HTML 43Page - Connor-Winfield Corporation STC5455 Datasheet HTML 44Page - Connor-Winfield Corporation STC5455 Datasheet HTML 45Page - Connor-Winfield Corporation STC5455 Datasheet HTML 46Page - Connor-Winfield Corporation STC5455 Datasheet HTML 47Page - Connor-Winfield Corporation STC5455 Datasheet HTML 48Page - Connor-Winfield Corporation STC5455 Datasheet HTML 49Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Page 45 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
the index selected at the register Ref_Index_Selector.
Setting integer N (from 1 to 32767) at this register allows user to manually select the acceptable reference
input frequency at the integer multiple of 8kHz, range from 8kHz to 262.136MHz. For instance, user can select
integer N = 19440 to manually accept frequency at 19440x8kHz = 155.52MHz.
Default value: 0
Frame_Mux, 0x5D (R/W)
Select one of frame signals (Frame8K, Frame2K) derived from synthesizer F and forward it to output selection
of CLK2. Output selection of CLK2 is programmed at the registers CLK2_Sel.
Default value: 1
Field_Upgrade_Status, 0x70 (R)
Checksum
Checks whether the 7600 bytes firmware configuration data is loaded successfully.
0 = Fail, 1 = Success
READY
Indicates if field upgrade is ready to begin, normally is set to 1 at 3 milliseconds (3ms) after the reset.
0 = Not ready
1 = Ready
Load_Complete
Indicates whether the loading of 7600 bytes firmware configuration data is complete.
0 = Not complete
1 = Complete
Field Value
Integer N Select
0
Enable auto detection for reference input
1~32767
Integer N for the manual acceptable refer-
ence frequency
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x5D
Not used
Frame mux of
CLK2 selection
Bit1~Bit0
Frame signal select
0
Reserved
1
Frame8K
2
Frame2K
3
Ground
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x70
Not used
Load_Complete
READY
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com