Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 32 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 32 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 28Page - Connor-Winfield Corporation STC5455 Datasheet HTML 29Page - Connor-Winfield Corporation STC5455 Datasheet HTML 30Page - Connor-Winfield Corporation STC5455 Datasheet HTML 31Page - Connor-Winfield Corporation STC5455 Datasheet HTML 32Page - Connor-Winfield Corporation STC5455 Datasheet HTML 33Page - Connor-Winfield Corporation STC5455 Datasheet HTML 34Page - Connor-Winfield Corporation STC5455 Datasheet HTML 35Page - Connor-Winfield Corporation STC5455 Datasheet HTML 36Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Page 32 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Reference activity indicator.
0 = inactive, 1 = active
Default value: 0
Refs_Qual, 0x18 (R)
Reference qualification indicator.
0 = not qualified, 1 = qualified.
Default value: 0
Interrupt_Event_Status, 0x1A (R/W)
Event0: Reference qualification status
0 = no change, 1 = reference qualification status changed.
Event1: Reserved
Event2: T0 selected reference in auto-selection mode
0= no change, 1 = T0 selected reference changed
Event3: T0 PLL status
0= no change, 1 = T0 PLL status changed
Event4: T0 timing generator’s event out
0= no event out, 1= any of T0 PLL event out is asserted or not cleared at the register of
PLL_Event_Out
Event5: T4 selected reference in auto-selection mode
0= no change, 1 = T4 selected reference changed
Event6: T4 PLL status
0= no change, 1 = T0 PLL status changed
Event7: T4 timing generator’s event out
0= no event out, 1= any of T4 PLL event out is asserted or not cleared at the register of
PLL_Event_Out
Interrupts are cleared by writing “1” to the associated bit.
Default value: 0
Interrupt_Event_Enable, 0x1B (R/W)
Selects which of events will assert the pin EVENT_INTR to active state (See register Interrupt_Config).
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x18
Not Used
Ref 5
Ref 4
Ref 3
Ref 2
Ref 1
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1A
Event 7
Event 6
Event 5
Event 4
Event 3
Event 2
Event 1
Event 0
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1B
Event 7
Event 6
Event 5
Event 4
Event 3
Event 2
Event 1
Event 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com