Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 11 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 11 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 7Page - Connor-Winfield Corporation STC5455 Datasheet HTML 8Page - Connor-Winfield Corporation STC5455 Datasheet HTML 9Page - Connor-Winfield Corporation STC5455 Datasheet HTML 10Page - Connor-Winfield Corporation STC5455 Datasheet HTML 11Page - Connor-Winfield Corporation STC5455 Datasheet HTML 12Page - Connor-Winfield Corporation STC5455 Datasheet HTML 13Page - Connor-Winfield Corporation STC5455 Datasheet HTML 14Page - Connor-Winfield Corporation STC5455 Datasheet HTML 15Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Page 11 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Input and Output Frequencies
Input Frequencies
Auto-Detect Acceptable Input Frequencies
The STC5455 can automatically detect the frequency of the reference input when the user enable the auto-
detect function at the register Ref Index Selector and Ref Acceptable Freq for REF1~REF5 individually. The
acceptable frequency for auto detection is shown in Table 4.
Manually Acceptable Input Frequencies
When the frequency auto-detect function is disabled, STC5455 provides another option which allows the user
to select the manually acceptable reference frequency for REF1~REF5 individually, at the integer multiple of
8kHz (Nx8kHz, N is integer from 1 to 32767). Hence the manually acceptable reference frequency range is
8kHz to 262.136MHz, in 8kHz steps. When a manually acceptable reference frequency is used, the user need
to access the register Ref Acceptable Freq to set the integer N for associated reference input selected at the
register Ref Index Selector.
Input Frequency = N x 8kHz, where N = 1~32767
Table 4: Auto-Detect Acceptable Ref Input Frequencies
Reference Input
Frequency
REF1 ~ REF5
8 kHz
64 kHz
19.44 MHz
38.88 MHz
77.76 MHz
1.544 MHz
2.048 MHz
6.48 MHz
8.192 MHz
16.384 MHz
25 MHz
50 MHz
125 MHz
EX_SYNC 1
EX_SYNC 2
EX_SYNC 3
2kHz or 8kHz external frame sync inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com