Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 30 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 30 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 26Page - Connor-Winfield Corporation STC5455 Datasheet HTML 27Page - Connor-Winfield Corporation STC5455 Datasheet HTML 28Page - Connor-Winfield Corporation STC5455 Datasheet HTML 29Page - Connor-Winfield Corporation STC5455 Datasheet HTML 30Page - Connor-Winfield Corporation STC5455 Datasheet HTML 31Page - Connor-Winfield Corporation STC5455 Datasheet HTML 32Page - Connor-Winfield Corporation STC5455 Datasheet HTML 33Page - Connor-Winfield Corporation STC5455 Datasheet HTML 34Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Page 30 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Freerun_Cali, 0x0C (R/W)
Calibrate frequency of internal freerun clock, from -102.4 to +102.3 ppm, in 0.1ppm steps, 2’s complement.
Default value: 0
Disqualification_Range, 0x0E (R/W)
Reference disqualification range, from 0 to +102.3 ppm, in 0.1 ppm steps. This also sets the pull-in range. (See
the Reference Input Monitoring and Qualification section). New disqualification range must be greater than
qualification range in register Qualification_Range. Otherwise, the value will not be written to the register.
Default value: 110 (range = 11.0 ppm).
Qualification_Range, 0x10 (R/W)
Reference qualification range, from 0 to +102.3 ppm, in 0.1 ppm steps. New qualification must be less than dis-
qualification range. Otherwise, the value will not be written to the register.
Default value: 100 (range = 10.0 ppm).
Qualification_Soaking_Time, 0x12 (R/W)
Sets the soaking time for reference qualification, from 0 to 63s, in 1s step.
Default value: 10 (10s)
Ref_Index_Selector, 0x13 (R/W)
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x0C
Lower 8 bits of Freerun Calibration
0x0D
Not used
Upper 3 bits of Freerun Calibration
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x0E
Lower 8 bits of Disqualification Range
0x0F
Not used
Upper 2 bits Disqualification Range
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x10
Lower 8 bits of Qualification Range
0x11
Not used
Upper 2 bits Qualification Range
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x12
Not used
0 ~ 63 s
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x13
Not used
REF1~REF5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com