Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 38 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 38 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 34Page - Connor-Winfield Corporation STC5455 Datasheet HTML 35Page - Connor-Winfield Corporation STC5455 Datasheet HTML 36Page - Connor-Winfield Corporation STC5455 Datasheet HTML 37Page - Connor-Winfield Corporation STC5455 Datasheet HTML 38Page - Connor-Winfield Corporation STC5455 Datasheet HTML 39Page - Connor-Winfield Corporation STC5455 Datasheet HTML 40Page - Connor-Winfield Corporation STC5455 Datasheet HTML 41Page - Connor-Winfield Corporation STC5455 Datasheet HTML 42Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Page 38 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Default value: 27 (1.2mHz; 0.64Hz; 2ppm/sec)
Ref_Priority_Table, 0x36 (R/W)
Reference priority for automatic reference elector. Lower values have higher priority:
Default value: 0
5
0.15 mHz
6, 7
Reserved
8
1.3Hz
9
0.64Hz
10
0.32Hz
11
0.16Hz
12
79mHz
13
40mHz
14
20mHz
15
9.9mHz
Bits 3 ~ 2
Short Term
History -3dB
Bandwidth
0
1.3 Hz
1
0.64 Hz
2
0.32 Hz
3
0.16 Hz
Bits 1 ~ 0
Ramp control
0
No Control
1
1.0 ppm/sec
2
1.5 ppm/sec
3
2.0 ppm/sec
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x36
Ref 2 Priority
Ref 1 Priority
0x37
Ref 4 Priority
Ref 3 Priority
0x38
Not used
Ref 5 Priority
Bits 7~4/Bits 3~0
Reference Priority
0
Revoke from auto reference elector
1 ~ 15
Value 1 ~ 15
Bits 7 ~ 4
Long Term
History -3dB
Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com