Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 28 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 28 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 24Page - Connor-Winfield Corporation STC5455 Datasheet HTML 25Page - Connor-Winfield Corporation STC5455 Datasheet HTML 26Page - Connor-Winfield Corporation STC5455 Datasheet HTML 27Page - Connor-Winfield Corporation STC5455 Datasheet HTML 28Page - Connor-Winfield Corporation STC5455 Datasheet HTML 29Page - Connor-Winfield Corporation STC5455 Datasheet HTML 30Page - Connor-Winfield Corporation STC5455 Datasheet HTML 31Page - Connor-Winfield Corporation STC5455 Datasheet HTML 32Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Page 28 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Register Descriptions and Operation
General Register Operation
The STC5455 device has 1, 2, 3, and 4 byte registers. One-byte registers are read and written directly. Multiple
-byte registers must be read and written in a specific manner and order, as follows:
Multibyte register reads
A multi byte register read must commence with a read of the least significant byte first. This triggers a transfer
of the remaining byte(s) to a holding register, ensuring that the remaining data will not change with the continu-
ing operation of the device. The remaining byte(s) must be read consecutively with no intervening read/writes
from/to other registers.
Multibyte register writes
A multi byte register write must commence with a write to the least significant byte first. Subsequent writes to
the remaining byte(s) must be performed in ascending byte order, consecutively, with no intervening read/
writes from/to other registers, but with no timing restrictions. Multibyte register writes are temporarily stored in
a holding register, and are transferred to the target register when the most significant byte is written.
Chip_ID, 0x00 (R)
Indicates chip’s ID number
Chip_Rev, 0x02 (R)
Indicates the revision number of STC5455
Chip_Sub_Rev, 0x03 (R)
Indicates the firmware revision number of STC5455
Fill_Obs_Window, 0x07 (R/W)
Sets the fill observation window size for the reference activity monitor to (m+1) ms. The window size can be set
from 1ms to 16ms.
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x00
0x55
0x01
0x54
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x02
Revision Number
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x03
Sub-Revision Number
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x07
Not used
Leaky bucket fill observation window, m = 0 ~ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com