Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 43 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 43 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 39Page - Connor-Winfield Corporation STC5455 Datasheet HTML 40Page - Connor-Winfield Corporation STC5455 Datasheet HTML 41Page - Connor-Winfield Corporation STC5455 Datasheet HTML 42Page - Connor-Winfield Corporation STC5455 Datasheet HTML 43Page - Connor-Winfield Corporation STC5455 Datasheet HTML 44Page - Connor-Winfield Corporation STC5455 Datasheet HTML 45Page - Connor-Winfield Corporation STC5455 Datasheet HTML 46Page - Connor-Winfield Corporation STC5455 Datasheet HTML 47Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Page 43 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Phase skew adjust for synthesizer G1, G2, or F based on the selection at the register Synth_Index_Select.
Synthesizer GT4 is not phase skew programmable. The adjustment is from -6400/128 ns to 6396.875/128
ns, which is -50ns ~ 49.976 ns, in 3.125/128 ns steps, 2’s complement.
Default value: 0 (For all the synthesizers)
CLK1_Signal_Level, 0x50 (R/W)
Selects the signal level for clock outputs CLK1
0 = LVPECL, 1 = LVDS
Default value: 0
CLK1_Sel, 0x51(R/W)
Selects clock output CLK1 derived from synthesizer G1 or put in tri-state.
Default value: 0
CLK2_Sel, 0x52 (R/W)
Selects the clock output CLK2 derived from synthesizer G2 (T0) or synthesizer GT4(T4). Frame8K and
Frame2K are produced at synthesizer F. When synthesizer F is selected, sets bit1~bit0 of the register
Frame_Mux to select frame pulse clock Frame8K or Frame2K. Signal level of CLK2 is LVCMOS.
Synthesizer Index Selection
Associated CLK Output
Synthesizer F
CLK8K, CLK2K, CLK2
Synthesizer G1
CLK1
Synthesizer G2
CLK2
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x50
Not used
CLK1 Signal Level
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x51
Not used
CLK1 Synthesizer Select
Bits 1 ~ 0
CLK1 Synthesizer Select
0, 2, 3
Put CLK1 in tri-state mode
1
Synthesizer G1
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x52
Not used
CLK2 Synthesizer Select
Register
Frame_Mux
(Bit1~Bit0)
Bits 1 ~ 0
CLK2 Synthesizer Select
X
0
Put CLK2 in tri-state mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com