Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 44 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 44 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 40Page - Connor-Winfield Corporation STC5455 Datasheet HTML 41Page - Connor-Winfield Corporation STC5455 Datasheet HTML 42Page - Connor-Winfield Corporation STC5455 Datasheet HTML 43Page - Connor-Winfield Corporation STC5455 Datasheet HTML 44Page - Connor-Winfield Corporation STC5455 Datasheet HTML 45Page - Connor-Winfield Corporation STC5455 Datasheet HTML 46Page - Connor-Winfield Corporation STC5455 Datasheet HTML 47Page - Connor-Winfield Corporation STC5455 Datasheet HTML 48Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Page 44 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Default value: 0
Frame8K_Sel, 0x59 (R/W)
Frame2K_Sel, 0x5A (R/W)
Selects duty cycle of the Frame8K and Frame2K generated from synthesizer F and determine frame edge is
rising or falling. Set Bit5~0 to 0 to put CLK8K/CLK2K into tri-state and put Frame8K/Frame2K of synthesizer F
to ground.
Default value: 0 (Tri-state/ground, not inverted)
Ref_Acceptable_Freq, 0x5B (R/W)
Enable frequency auto detect function or set integer N for the manual acceptable reference frequency for indi-
vidual reference input.
Setting this register to 0 is to enable frequency auto detection for reference input which is selected at the regis-
ter Ref_Index_Selector. The auto-detect acceptable reference input frequencies are shown in Table 3.
Select the integer N for the manually acceptable reference frequency at Nx8kHz (N is integer from 1 to 32767)
for REF1 ~ REF5. Which of reference inputs is selected for the manually acceptable reference is depending on
X
1
Synthesizer G2 (T0)
0
2
Reserved
1
2
Synthesizer F Frame8K
2
2
Synthesizer F Frame2K
3
2
CLK2 tie to ground
X
3
Synthesizer GT4 (T4)
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x59
Not used
Invert
Duty Cycle Select for Frame8K or put CLK8K into tri-state
0x5A
Not used
Invert
Duty Cycle Select for Frame2K or put CLK2K into tri-state
Bit 5 ~ 0
Duty Cycle Select
0
Put CLK8K/CLK2K into tri-state and put Frame8K/Frame2K to ground
1~62
Pulse width 1 to 62 cycle of 155.52MHz
63
50% duty cycle
Bits 6
Invert
0
Not inverted (frame on rising edge)
1
Inverted (frame on falling edge)
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x5B
Lower 8 bits of integer N Select
0x5C
Not used
Higher 7 bits of integer N Select
Register
Frame_Mux
(Bit1~Bit0)
Bits 1 ~ 0
CLK2 Synthesizer Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com